Part Number Hot Search : 
74HCT4 TEW5111 N5399 PLT133 SI7772DP BC2004 PS9531L2 IS24C64
Product Description
Full Text Search
  -3.3v Datasheet PDF File

For -3.3v Found Datasheets File :: 122485    Search Time::2.578ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SP6641BEK-L-3-3

Exar Corporation
Part No. SP6641BEK-L-3-3
OCR Text ...ingle or dual cell alkaline to 3.3v or 5v output sp6641b provides up to 500ma output current with less than 50mvpp ripple high efficiency: up to 87% sot23-5 package & smt components for small, low profile power su...
Description Easy Evaluation for the SP6641A/6641B Single or Dual Cell Alkaline to 3.3V or 5V Output

File Size 83.59K  /  5 Page

View it Online

Download Datasheet





    UHP-3-3-30-D48 UHP-3.3/30-D48 UHP-3.3/30-D48N UHP-3.3/30-D48S

Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. UHP-3-3-30-D48 UHP-3.3/30-D48 UHP-3.3/30-D48N UHP-3.3/30-D48S
OCR Text 3.3 Volts @ 30 Amps 100 Watt, DC/DC Converters Features s s s s s s s s s s s s s Regulated 3.3V output @ 30 Amps Input range: 36V-75V Open frame: 2.3" x 2.4" x 0.47" Industry-standard package/pinout Light weight: 2.24 ounces (63.5g)...
Description 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE
Single Output UHP Models

File Size 67.86K  /  4 Page

View it Online

Download Datasheet

    SPX2954AU-3-3 SPX2954AU-5-0 SPX2954AM3-5-0 SPX2954M3-5-0

Sipex Corporation
Part No. SPX2954AU-3-3 SPX2954AU-5-0 SPX2954AM3-5-0 SPX2954M3-5-0
OCR Text ...escription features 5.0v and 3.3v versions at 250ma output accurate 0.5% for spx2954a very low quiescent current low dropout: 310mv at 250ma extremely tight load and line regulation very low temperature coefficient current and ther...
Description 250mA Low Dropout Voltage Regulator
   250mA Low Dropout Voltage Regulator

File Size 207.50K  /  17 Page

View it Online

Download Datasheet

    SONY
Part No. SLD201U-3/V-3
OCR Text 3/v-3 50mw high power laser diode description the sld201u-3/v-3 is a gain-guided high-power laser diode fabricated by mocvd. features high power laser diode with the excellent general purpose application optical disc, laser printer structur...
Description 50mW High Power Laser Diode

File Size 74.79K  /  4 Page

View it Online

Download Datasheet

    SONY
Part No. SLD202U-3/V-3
OCR Text 3/v-3 50mw high power laser diode description sld202u-3/v-3 is a gain-guided high-power laser diode fabricated by mocvd. features high power laser diode with the excellent general purpose application communications, optical disc structure a...
Description 50mW High Power Laser Diode

File Size 74.79K  /  4 Page

View it Online

Download Datasheet

    LT4356-3 LT4356IDE-3 LT4356IDE-3PBF LT4356IDE-3TR LT4356IDE-3TRPBF LT4356IMS-3 LT4356IMS-3PBF LT4356IMS-3TR LT4356IMS-3T

Linear Technology
http://
Part No. LT4356-3 LT4356IDE-3 LT4356IDE-3PBF LT4356IDE-3TR LT4356IDE-3TRPBF LT4356IMS-3 LT4356IMS-3PBF LT4356IMS-3TR LT4356IMS-3TRPBF LT4356IS-3 LT4356IS-3PBF LT4356IS-3TRPBF LT4356CDE-3 LT4356CDE-3PBF LT4356CDE-3TR LT4356CDE-3TRPBF LT4356CMS-3 LT4356CMS-3PBF LT4356CMS-3TR LT4356CMS-3TRPBF LT4356CS-3 LT4356CS-3PBF LT4356CS-3TR LT4356CS-3TRPBF
OCR Text 3 Surge Stopper with Fault Latchoff FEATURES n n n n n n n n n n n n DESCRIPTION The LT(R)4356-3 surge stopper protects loads from high...3V OUT, AOUT, FLT, EN...................................... -0.3V to 80V GATE (Note 3) ................
Description Surge Stopper with Fault Latchoff

File Size 217.96K  /  24 Page

View it Online

Download Datasheet

    MC33164-3 MC33164-3DM MC33164-3LP MC34164-3 MC34164-3DM MC34164-3LP MC33164-3_MC34164-3

MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
MICROSEMI[Microsemi Corporation]
Part No. MC33164-3 MC33164-3DM MC33164-3LP MC34164-3 MC34164-3DM MC34164-3LP MC33164-3_MC34164-3
OCR Text 3/MC34164-3 3 V U N D E RV O LTA G E S E N S I N G C I R C U I T T HE I NFINITE P OWER OF I N N O VAT I O N P ...3V Supplies (VT = 2.7V Typ) s Outputs Fully Defined At VIN 1V (See Product Highlight) s Ultra-Low S...
Description From old datasheet system
3V UNDERVOLTAGE SENSING CIRCUIT
13.56-MHz Vicinity Card Transponder 0-RFIDP
Single Output LDO, 250mA, Adj.(2.5 to 5.5V), Low Noise, Fast Transient Response 5-SOT-23

File Size 124.80K  /  9 Page

View it Online

Download Datasheet

    T-11-2500-P-3-SSC-APC

Source Photonics, Inc.
Part No. T-11-2500-P-3-SSC-APC
OCR Text 3.3V/5V) T-11-2500-P/3-SSC/APC Features * InGaAs/InP PIN Photodiode with transimpedance amplifier * High sensitivity with AGC * Differential ended output * Single+3.3V/5V operation * -40~85C operating temperature * SM fiber pigtailed...
Description 2.5Gbps PIN-TIA Receiver Modules (3.3V/5V)

File Size 317.91K  /  3 Page

View it Online

Download Datasheet

    LTC3525L-3 LTC3525LESC6-3

Linear Technology
Part No. LTC3525L-3 LTC3525LESC6-3
OCR Text 3 400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect FEATURES DESCRIPTIO Startup at 0.7V Typ...3V Fixed Output Voltage Delivers 65mA at 3V from a 1V Input or 160mA from a 1.8V input Burst Mode(R)...
Description 400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect

File Size 225.84K  /  12 Page

View it Online

Download Datasheet

    LTC3525-3 LTC3525-3.3 LTC3525-5 LTC3525ESC6-3 LTC3525ESC6-3.3 LTC3525ESC6-5

Linear Technology
Part No. LTC3525-3 LTC3525-3.3 LTC3525-5 LTC3525ESC6-3 LTC3525ESC6-3.3 LTC3525ESC6-5
OCR Text 3/ LTC3525-3.3/LTC3525-5 400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect FEATURES DESCRIPTIO ...3V, 3.3V or 5V Delivers 65mA at 3V from a 1V Input Delivers 60mA at 3.3V from a 1V Input, or 140mA a...
Description 400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect

File Size 258.23K  /  12 Page

View it Online

Download Datasheet

For -3.3v Found Datasheets File :: 122485    Search Time::2.578ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of -3.3v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.6202750205994