PART |
Description |
Maker |
MC100LVE210FN MC100E210FN MC100LVE210 |
Low-voltage dual 1:4,1:5 differential fanout buffer ECL/PECL compatible LOW VOLTAGE DUAL 1:4 / 1:5 DIFFERENTIAL FANOUT BUFFER LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 100E SERIES, LOW SKEW CLOCK DRIVER, 9 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQCC28
|
Motorola, Inc Motorola Mobility Holdings, Inc.
|
ADG706 ADG707BRUZ |
CMOS, 2.5 O Low Voltage Differential 8 Channel Multiplexer 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO28 CMOS, 2.5 Ohm Low Voltage 16 Channel Multiplexer CMOS, 2.5 ohms Low Voltage Differential 8 Channel Multiplexer
|
Analog Devices
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
67SMOA 67SMOB 67SMOC |
Low Voltage Differential Signaling Oscillators
|
Wolfgang Knap
|
PCK111 PCK111_3 |
Low voltage 1:10 differential From old datasheet system
|
Philips
|
MAX4598 MAX4598EWP MAX4598CWP MAX4598CAP MAX4598EP |
Low-Voltage, Combination Single-Ended 8-to-1 Differential 4-to-1 Multiplexer Low-Voltage / Combination Single-Ended 8-to-1/Differential 4-to-1 Multiplexer Low-Voltage Combination Single-Ended 8-to-1/Differential 4-to-1 Multiplexer Low-Voltage, Combination Single-Ended 8-to-1/Differential 4-to-1 Multiplexer
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MC100ES8014 |
Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
|
Integrated Device Technology
|
MC100ES8111 |
Low Voltage 1:10 Differential HSTL Clock Fanout Buffer Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
|
MOTOROLA[Motorola, Inc]
|
ISL84582 ISL84582IVZ ISL84582IVZ-T |
Low-Voltage, Single and Dual Supply, Differential 4 to 1 Multiplexer
|
Intersil Corporation
|
SK100LVE111E SK10LVE111E |
Low Voltage 1:9 Differential ECL/PECL Clock Driver with Enable Input
|
SEMTECH[Semtech Corporation]
|