PART |
Description |
Maker |
AT27C040 AT27C040-12JC AT27C040-12JI AT27C040-90PI |
Octal Transparent D-Type Latch With 3-State Output 20-VQFN -40 to 125 512K X 8 OTPROM, 120 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SOIC -40 to 85 512K X 8 OTPROM, 120 ns, PDSO32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 512K X 8 OTPROM, 90 ns, PDIP32 4-Megabit 512K x 8 OTP EPROM 512K X 8 OTPROM, 150 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
74VHCU04MX 74VHCU04SJX 74VHCU04 74VHCU04M 74VHCU04 |
Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 CERAMIC CHIP/MIL-PRF-55681 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-PDIP -40 to 85 Hex Inverter
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
LT1256 LT1251 |
Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SO 0 to 70 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70
|
Linear Technology Corporation
|
AM27C512 AM27C4096-55DC AM27C4096-55DCB AM27C4096- |
512 Kilobit (64 K x 8-Bit) CMOS EPROM 512千比特(64亩8位)的CMOS存储 512 Kilobit (64 K x 8-Bit) CMOS EPROM 64K X 8 UVPROM, 90 ns, CDIP28 Quad bistable latches 16-SOIC 0 to 70 512千比特(64亩8位)的CMOS存储 512 Kilobit (64 K x 8-Bit) CMOS EPROM 64K X 8 UVPROM, 120 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70 64K X 8 UVPROM, 55 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70 64K X 8 UVPROM, 250 ns, CDIP28 Octal D-type Transparent Latches with 3-state Outputs 20-SO 0 to 70 64K X 8 UVPROM, 200 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-PDIP 0 to 70 512千比特(64亩8位)的CMOS存储 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SSOP 0 to 70 64K X 8 UVPROM, 250 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SO 0 to 70 64K X 8 UVPROM, 70 ns, CDIP28 Octal D-type Transparent Latches with 3-state Outputs 20-PDIP 0 to 70 Quad bistable latches 16-PDIP 0 to 70 Octal D-type Transparent Latches with 3-state Outputs 20-SOIC 0 to 70
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
HD74LV273A |
Octal D-type Edge-triggered Flip-Flops with Clear
|
Hitachi Semiconductor
|
MM74HC574 MM74HC574MTCX |
3-STATE Octal D-Type Edge-Triggered Flip-Flop
|
Fairchild Semiconductor
|
DM74AS374 DM74AS374N DM74AS374WM |
From old datasheet system Octal D-Type Edge-Triggered Flip-Flops
|
FAIRCHILD[Fairchild Semiconductor]
|
DM74ALS534 DM74ALS534WM DM74ALS534N |
From old datasheet system Octal D-Type Edge-Triggered Flip-Flop
|
FAIRCHILD[Fairchild Semiconductor]
|
HD74LS273FPEL HD74LS273 HD74LS273P HD74LS273RPEL |
Octal D-type Positive-edge-triggered Flip-Flops (with Clear)
|
Renesas Electronics Corporation
|
HD74LS273 74LS273 |
Octal D-type Positive-edge-triggered Flip-Flops(with Clear)
|
HITACHI[Hitachi Semiconductor]
|
HD74LV374ATELL HD74LV374A |
Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
|
Renesas Electronics Corporation
|
M5M4V64S30ATP-8L M5M4V64S30ATP-8A |
Octal D-Type Edge-Triggered Flip-Flops with 3-State Outputs 20-SOIC -40 to 85 64M号(4银行097152字8位)同步DRAM
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|