PART |
Description |
Maker |
AT89C51IC2 |
AT89C51IC2 is a 80C51 8-bit microcontrollers featuring a 32K bytes Flash code memory and a two-wire interface (TWI).
|
Atmel
|
AT80C51RD2-SLRUM AT80C51RD2-RLRUM |
IC MCU 80C51 HI PERFORM 44PLCC 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 80C51 High Performance ROM 8-bit Microcontroller
|
Atmel, Corp. ATMEL Corporation
|
P89C51RD P89C51RDIB P89C51RDIN P89C51RDIA P89C51RD |
80C51 Central Processing Unit 80C51 8-bit Flash microcontroller family 32K/64K ISP FLASH with 512.1K RAM
|
NXP Semiconductors Philips Semiconductors
|
P87C750 P87C750EBAA P87C750EBDDB P87C750EBPN P87C7 |
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC28 128K X 16 BIT, 90 NS, 0-70 C, CMOS EPROM 80C51 8-bit microcontroller family 1K/64 OTP ROM/ low pin count
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
83C453 87C453 P87C453EBAA P83C453EBAA |
80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O DUAL LOW-LEAKAGE PICO AMP DIODE TO72 80C51位单片机系列8K/256检察官办公光盘,扩展的I / O 80C51 8-bit microcontroller family 8K/256 OTP/ROM/ expanded I/O
|
NXP Semiconductors N.V. Philips Semiconductors
|
P89LPC933 P89LPC935FHN P89LPC936FDH P89LPC933FDH P |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters 8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
|
PHILIPS[Philips Semiconductors]
|
P89LPC938FDH P89LPC938FHN P89LPC938FA |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
|
NXP Semiconductors
|
P89LPC904 P89LPC904FD P89LPC904FN |
P89LPC904; 8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
|
NXP Semiconductors N.V. Philips
|
P89LPC932BA P89LPC932FDH P89LPC932BDH P89LPC932FHN |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM 80C51 8-bit microcontroller with two-clock core 8 KB 3 V low-power Flash with 512-byte data EEPROM
|
PHILIPS[Philips Semiconductors]
|
P87CL54X2BDH P87CL52X2 P87CL52X2BBD P87CL52X2BDH P |
80C51 8-bit microcontroller family
|
PHILIPS[Philips Semiconductors]
|
P83C660X2FA P87C660X2FA P83C661X2BBD P87C661X2BBD |
80C51 8-bit microcontroller family
|
NXP Semiconductors
|