PART |
Description |
Maker |
ST5R00 ST5R25M ST5R25U ST5R28M ST5R28U ST5R30M ST5 |
MICROPOWER VFM STPE-UP DC/DC CONVERTER (ST5R00 Series) MICROPOWER VFM STEP-UP DC/DC CONVERTER
|
STMicroelectronics ST Microelectronics
|
LTC3401EMS LTC3401 |
1A, 3MHz Micropower Synchronous Boost Converter 1.6 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 SMPS CONTROLLER,VOLTAGE-MODE,CMOS,TSSOP,10PIN,PLASTIC 1A/ 3MHz Micropower Synchronous Boost Converter From old datasheet system
|
Linear Technology, Corp. Linear Technology Corp LINER[Linear Technology]
|
MC10H131 MC10H131FN MC10H131L MC10H131P ON0753 |
Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 双D型主从触发器 Dual D Type Master-Slave Flip-Flop From old datasheet system
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
LT1107 LT1107-12 LT1107-5 LT1107C LT1107CN8 LT1107 |
From old datasheet system Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V Micropower DC/DC Converter Adjustable and Fixed 5V, 12V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
AD7118UQ/883B AD7118TQ AD7118TQ/883B AD7118UE/883B |
Micropower DC-DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC-DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 6-Bit Digital-to-Analog Converter 6位数字到模拟转换
|
DC/DC变换 Analog Devices, Inc.
|
LTG2 LT3464 LT3464ETS8 LT34641 |
Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT垄芒 Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT??/a>
|
Linear Technology
|
T6309A T6309A-AX T6309A-BX |
Micropower Step-up DC/DC Converter
|
Taiwan Memory Technology
|
SC1652 SC1652CS |
MICROPOWER INVERTING DC-DC CONVERTER
|
SEMTECH[Semtech Corporation]
|
MC33463 |
VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
|
Motorola
|
ALD1801 |
8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
|
ALD
|
AS1340A-BTDT-10 AS13401 AS1340 |
50V, Micropower, DC-DC Boost Converter
|
ams AG austriamicrosystems AG
|