PART |
Description |
Maker |
TC7660S TC7660SEOA TC7660SEPA TC7660SMJA TC7660SCP |
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER The TC7660S is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 12V input to a corresponding -1.5V to -12V output using only two low-cost capacitors, eliminating inductors and
|
MICROCHIP[Microchip Technology]
|
AAT3110 AAT3110-33 AAT3110IGU-33-T1 AAT3110IGU-5-T |
MicroPower?/a> Regulated Charge Pump MicroPowerRegulated Charge Pump 微功耗稳压电荷泵 MicroPower Regulated Charge Pump MicroPower⑩ Regulated Charge Pump
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
MAX3355EEUD MAX3355EEBC-T MAX3355E MAX3355EEBCT MA |
±15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP /-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA12 5kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP ±15kV ESD保护、USB On-the-Go电荷泵与比较器,UCSP封装 ±15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TC7662A02 TC7662AMJA TC7662ACPA TC7662AEPA TC7662A |
Charge Pump DC-to-DC Converter The TC7662A is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 3V to 18V input to a corresponding –3V to –18V output using only two low-cost capacitors, eliminating induct
|
MICROCHIP[Microchip Technology]
|
TC1237 TC1237EUN TC1236 TC1236EUN TC1235 TC1235EUN |
The TC1235/1236/1237 are CMOS dual inverting charge pump voltage converters with a low power shutdown mode in MSOP 10-Pin packages. ... The TC1235/1236/1237 are CMOS dual inverting charge pump voltage converters with a low power shutdown mode in MSOP 10-Pin packages. Only four external capaci-tors are required for full circuit implementation. Switching frequencies are 12kH (TC1235 / TC1236 / TC1237) Inverting Dual Charge Pump Voltage Converters with Shutdown Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown 反相双(- VIN,这- 2VIN)电荷泵电压转换器,带有关断
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|
SC1460 SC1460CSK-3.3TR SC1460CSK-5.0TR |
5mA CAPLESS CHARGE PUMP 3.3V 5 mA capless charge pump 5.0V 5 mA capless charge pump
|
Semtech
|
TC7660SVOA TC7660SCOA713 TC7660SCOA723 TC7660SEOA7 |
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
|
Microchip Technology
|
LTC1516IS8 LTC1516 LTC1516CS8 1516F |
From old datasheet system Micropower, Regulated 5V Charge Pump DC/DC Converter Micropower/ Regulated 5V Charge Pump DC/DC Converter
|
LINER[Linear Technology]
|
MCP1253-33X50I_MS MCP1253T-33X50I_MS MCP1253-ADJI_ |
(MCP1252 / MCP1253) Low Noise / Positive-Regulated Charge Pump Low Noise, Positive-Regulated Charge Pump 低噪声,正调节电荷泵 The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ... The MCP1253-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of either 3.3V or 5.0V and can deliver 120mA of load current at the selected regulated output voltage. Since the The MCP1252-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of ... The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
MIC2660 MIC2660BM5 |
IttyBitty Charge Pump IttyBitty Charge Pump
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MAX679C_D MAX679EUA MAX679 MAX679C/D |
Regulated 3.3V Charge Pump
|
Maxim Integrated Products, Inc.
|