Part Number Hot Search : 
5920A 5920A PE8706 CY2210 2AX103V4 STV9302 0100A MA40B8R
Product Description
Full Text Search
  pin-compatible Datasheet PDF File

For pin-compatible Found Datasheets File :: 95899    Search Time::2.062ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Microchip
Part No. PIC18F252T-I/SO PIC18F252T-I/SOG PIC18F242-E/SO PIC18F242-E/SP PIC18F442-E/L PIC18F442-E/ML PIC18F442-E/PT PIC18F452-E/PT PIC18F252-E/SO PIC18F252-E/SP PIC18F452-E/L PIC18F452-E/ML PIC18F452-I/L PIC18F452-I/ML PIC18F452-I/P PIC18F452-I/PG PIC18F452-I/PTG PIC18F252-I/SO PIC18F252-I/SOG PIC18F252-I/SP PIC18F252-I/SPG PIC18LF252-I/SO PIC18LF252-I/SOG PIC18LF252-I/SP PIC18LF242-I/SP PIC18LF252T-I/SO PIC18LF242-I/SO PIC18LF242T-I/SO PIC18LF252T-I/SOG
OCR Text ...lave Port (PSP) module 28/40-pin High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D High Performance RISC CPU: * C compiler optimized architecture/instruction set - Source code compatible with the PIC16 and PIC17 instr...
Description This powerful 10 MIPS (100 nanosecond instruction execution) yet easy-to-program (only 77 single word instructions) CMOS FLASH-based ...

File Size 2,961.47K  /  332 Page

View it Online

Download Datasheet





    INTEL[Intel Corporation]
Part No. 80C187
OCR Text ... Register Stack Available in 40-Pin CERDIP and 44-Pin PLCC Package (See Packaging Outlines and Dimensions Order 231369) Y Y Y Y...compatible from the 8087 math coprocessor and will execute code written for the 80387DX and 80387SX ...
Description 80-BIT MATH COPROCESSOR

File Size 311.92K  /  30 Page

View it Online

Download Datasheet

    NLU1GT50AMUTCG NLU1GT50CMUTCG NLU1GT50BMX1TCG NLU1GT50AMX1TCG

ON Semiconductor
Part No. NLU1GT50AMUTCG NLU1GT50CMUTCG NLU1GT50BMX1TCG NLU1GT50AMX1TCG
OCR Text ...ew) figure 2. logic symbol 6 nc pin assignment 1 2 3 gnd nc in a 4 5nc out y 6v cc function table l h ay l h marking diagrams l = device marking m = date code http://onsemi.com see detailed ordering and shipping information in the package ...
Description Single Buffer, Non-Inverting, TTL Level
   Single Buffer, Non-Inverting, TTL Level

File Size 131.23K  /  10 Page

View it Online

Download Datasheet

    935260566118

NXP SEMICONDUCTORS
Part No. 935260566118
OCR Text ...128h; saa7129h 6 pinning symbol pin type description res 1 - reserved pin; do not connect sp 2 i test pin; connected to digital ground for n...compatible, but the sav and eav codes can be decoded optionally, when the device is operated in slav...
Description COLOR SIGNAL ENCODER, PQFP44

File Size 244.26K  /  59 Page

View it Online

Download Datasheet

    INTEL[Intel Corporation]
Part No. 8XC51RC 8XC51R 8XC51RA 8XC51RB
OCR Text ...same architecture and is pinfor-pin compatible with the existing MCS 51 family of products The 8XC51RA 8XC51RB 8XC51RC is an enhanced version of the 8XC52 8XC54 8XC58 The added features make it an even more powerful microcontroller for appl...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 283.10K  /  20 Page

View it Online

Download Datasheet

    AMICC[AMIC Technology]
Part No. A23L0616V A23L0616 A23L06161 A23L06161V A23L06162 A23L06162-70 A23L06162V A23L0616M A23L0616R
OCR Text ...tel (A23L06162) Available in 44-pin SOP, 48-pin TSOP (forward, reverse type and flash memory's pinouts compatible) packages 1M X 16 / 2M X 8 BIT CMOS MASK ROM Pin Configurations SOP TSOP (forward type) NC A18 A17 A7 A6 A5 A4 A3 A2...
Description 1M X 16 / 2M X 8 BIT CMOS MASK ROM

File Size 255.66K  /  11 Page

View it Online

Download Datasheet

    http://
AMICC[AMIC Technology]
AMIC Technology Corporation
AMIC Technology, Corp.
Part No. A23L2617V-80 A23L2617 A23L26171 A23L26171-70 A23L26171-80 A23L26171V A23L26171V-70 A23L26171V-80 A23L2617M A23L2617M-70 A23L2617M-80 A23L2617R A23L2617R-70 A23L2617R-80 A23L2617V A23L2617V-70
OCR Text ... TTL-compatible Available in 44-pin SOP, 48-pin TSOP (forward, reverse type and flash memory's pinouts compatible) packages Pinout compatible with flash type (A23L26171) 4M X 16 / 8M X 8 BIT CMOS MASK ROM Pin Configurations SOP BYTE...
Description CAT6A 10GB P CORD 5FT 6A 10G SYSTEM GIGASTATION
GIGATRUE 550 CAT PATCH CBL NO BOOT 100F BK 25 PK
GIGATRUE 550 CAT6 PATCH 3 FT, NON BOOT, PURPLE 4米16 / 8米8位CMOS掩膜ROM页面模式
4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE 4米16 / 8米8位CMOS掩膜ROM页面模式

File Size 210.25K  /  11 Page

View it Online

Download Datasheet

    MAX7300ATI MAX7300ATL MAX730011 MAX7300AAI

Maxim Integrated Products
Maxim Integrated Produc...
Part No. MAX7300ATI MAX7300ATL MAX730011 MAX7300AAI
OCR Text ...8 ports and are available in 36-pin ssop and 40-pin tqfn pack- ages, respectively. the max7300aai and max7300ati have 20 ports and are avail...compatible port expander with additional 24ma constant-current led drive capability, refer to the ma...
Description 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander

File Size 197.92K  /  20 Page

View it Online

Download Datasheet

    MAX5965A12 MAX5965BUAX

Maxim Integrated Products
Maxim Integrated Produc...
Part No. MAX5965A12 MAX5965BUAX
OCR Text ...dard. the max5965a/max5965b are pin compatible with the max5952/max5945/ltc4258/ltc4259a pse controllers and provide additional features. the max5965a/max5965b feature a high-power mode that provides up to 45w per port. the max5965a/ max596...
Description High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet

File Size 1,339.50K  /  54 Page

View it Online

Download Datasheet

    AMIC Technology, Corp.
http://
AMIC Technology Corporation
AMICC[AMIC Technology]
Part No. A23L3616V-120 A23L3616 A23L36161 A23L36161-100 A23L36161-120 A23L36161V A23L36161V-100 A23L36161V-120 A23L3616M A23L3616M-100 A23L3616M-120 A23L3616R A23L3616R-100 A23L3616R-120 A23L3616V A23L3616V-100
OCR Text ... (flash type) Modify A23L36161V pin configuration: pin 1 from A22 to A16 pin 48 from A16 to A22 Issue Date November 3, 2003 August 27, 2...compatible Available in 44-pin SOP, 48-pin TSOP (forward, reverse type and flash memory's pinouts co...
Description RES MF 5110 OHM 1%0.250W@ 70C 100PPM/TC AXL 8米16 / 16米x 8位CMOS掩膜ROM
VGA VIDEO CABLE W/ FERRITE CORE, 5 FT, MF
Power Thick Film Resistor; Series:MK; Resistance:200ohm; Resistance Tolerance: 1%; Power Rating:0.75W; Operating Temperature Range:-55 C to C; Resistor Element Material:Thick Film; Voltage Rating:400VDC RoHS Compliant: NA
8M X 16 / 16M X 8 BIT CMOS MASK ROM

File Size 190.26K  /  10 Page

View it Online

Download Datasheet

For pin-compatible Found Datasheets File :: 95899    Search Time::2.062ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pin-compatible

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.48182702064514