PART |
Description |
Maker |
LTC2450CDC-1TRPBF LTC2450CDC-1PBF LTC2450IDC-1PBF |
Easy-to-Use, Ultra-Tiny 16-Bit ADC Easy-to-Use, Ultra-Tiny 16-Bit Delta Sigma ADC; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 85°C 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO6 Easy-to-Use, Ultra-Tiny 16-Bit Delta Sigma ADC; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO6
|
Linear Technology, Corp.
|
4305 4306 4300 4301 4303 4304 4307 4302 4309 4308 |
Logic IC Remote Temperature Switches with Integrated Fan Controller/Driver Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 7-Channel Precision Temperature Monitor 逻辑IC
|
3M Company
|
KK135Z |
Integrated circuit of temperature sensor
|
KODENSHI KOREA CORP.
|
IL135Z |
Integrated circuit of temperature sensor
|
IK Semicon Co., Ltd
|
MPXV4006GC6T1 MPXV4006G6T1 MPXV4006GC7U |
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated(集成硅压力传感器,带片内信号调节、温度补偿和校准功能) INTEGRATED PRESSURE SENSOR GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.87Psi, 5%, 0.22-4.82V, SQUARE, THROUGH HOLE MOUNT
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
AT30TSE004A-14 |
Integrated Temperature Sensor with Serial EEPROM
|
ATMEL Corporation
|
EP600JM883BX EP600JI EP600DM EP600JC EP600LI EP600 |
4kbit EEPROM; Triple Voltage Monitor with Integrated CPU Supervisor; Temperature Range: -40°C to 85°C; Package: 14-SOIC 4kbit EEPROM; Triple Voltage Monitor with Integrated CPU Supervisor; Temperature Range: 0°C to 70°C; Package: 14-SOIC UV-Erasable/OTP PLD 4kbit EEPROM; Triple Voltage Monitor with Integrated CPU Supervisor; Temperature Range: -40°C to 85°C; Package: 14-SOIC
|
|
MPXV6115V MPXV6115VC6T1 MPXV6115VC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor
|
Freescale Semiconductor, Inc
|