PART |
Description |
Maker |
ST7LITE49M ST7FLI49MK1B6 ST7FLI49MK1T6 |
8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and IC interface
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72215GX-AUTO ST72216GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
PIC16C54T-HS/SO PIC16C54T-HS/SS PIC16C54T-HSE/SO P |
IC-8-BIT CMOS MCU 集成电路8位CMOS微控制器 IC-SM-8-BIT MCU 集成电路位微控制 EPROM/ROM-Based 8-Bit CMOS Microcontroller Series 存储基于ROM位CMOS微控制器系列 IC-8-BIT MCU 集成电路8位微控制 Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 集成电路8CMOS微控制器 Complementary High Speed Power Drivers 16-SOIC 0 to 70 MB 8C 8#20 SKT RECP MB 15C 14#20 1#16 PIN RECP Constant-Current/Voltage High Efficiency Battery Charger; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS IC-8-BIT CMOS MCU-OTP 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C IC-SM-MCU-8 BIT (TUBED QTY) IC-SM-8-BIT CMOS MCU Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C IC-MCU-8 BIT (TUBED QTY)
|
Micrel Semiconductor, Inc. HIROSE ELECTRIC Co., Ltd. Microchip Technology, Inc. Cypress Semiconductor Corp. 8位微控制 Microchip Technology Inc.
|
ULS-2004R-883 ULS-2014R-883 ULS-2024R-883 ULS-2003 |
Single inverter ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES ST62T85B/ST62E85B/ST6285B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8/16-bit MCU family with up to 64K ROM/OTP/EPROM and up to 2K RAM Folder actuator ST6215C/ST6225C - 8-BIT MCUS WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 七倍外设驱 5V VERY LOW DROP VOLTAGE REGULATORS 七倍外设驱
|
RECOM Electronic GmbH Linear Technology, Corp.
|
ST7FLITEU09M3 ST7FLITEU0ICD ST7PLITEU05M3TR ST7PLI |
8-bit MCU with single voltage Flash memory, ADC, timers
|
STMicroelectronics
|
CA20C03A20EP CA20C03A-20IP CA20C03A-20IN CA20C03A2 |
N-CHANNEL 550V @Tjmax - 2.5 Ohm - 3A DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET Dual 2-input NAND gate DUAL 2-INPUT OPEN DRAIN NAND GATE Dual bilateral switch 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI 数据加密处理 ST7LITE2 - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 数据加密处理 Dual 2-input exclusive OR gate 数据加密处理
|
Belden, Inc. 3M Company
|
ST7FLITE09Y0M6 ST7FLITE09Y0B6 ST7FLITE09 ST7FLITE0 |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
|
STMicroelectronics
|
ST92F150CR1TC ST92F150CR2QB ST92F150CR2QC ST92F150 |
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
|
STMicroelectronics http://
|
ST7F10BF0B3TR ST7F10BF0B6 ST7F10BF0B6TR ST7F10BF0M |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
|
STMicroelectronics
|
ST7FLIT10BY0BX ST7FLIT15BY0BX ST7FLIT19BY0BX ST7FL |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
|
STMicroelectronics
|
ST7LITE05Y0 ST7LITE02Y0 ST7LITE09Y0 |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
|
ST Microelectronics
|
|