PART |
Description |
Maker |
BSP170 |
INNOLINE: RP100-xxxxSB - Single Outputs up to 30A; Input/Output 1.6kVDC Isolation; Adjustable Output Voltage; No Minimum Load; Under -Voltage Lockout SIPMOS Small-Signal Transistor (P channel Enhancement mode Avalanche rated) SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
BA6208 BA6208F A5800936 BA6208/F BA6208F-E2 |
Motor Drivers LSIs > DC motor driver > Reversible DC motor driver for one motor From old datasheet system R-78Bxx-1.5(L) Series - Innoline Regulated DC-DC Converters; Output Voltage (Vdc): 5.0V; Output Current (A): 1.5A; Features: Efficiency up to 95%,Non Reversible Motor Driver(????垫?椹卞??ī
|
Rohm CO.,LTD.
|
R-726.5P R-725.0D R-725.0P R-723.3D R-723.3P R-746 |
RECTIFIER SCHOTTKY DUAL 10A 35V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE INNOLINE直流/直流转换 INNOLINE DC/DC-Converter INNOLINE直流/直流转换 CB 10C 10#16 SKT RECP LINE INNOLINE直流/直流转换 ER 10C 10#16 SKT RECP
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
1N2981D 1N2987C 1N2973D 1N2987D 1N2989C 1N2980D 1N |
Diode Zener Single 17V 5% 10W 2-Pin DO-4 Diode Zener Single 25V 5% 10W 2-Pin DO-4 Diode Zener Single 9.1V 5% 10W 2-Pin DO-4 Diode Zener Single 30V 5% 10W 2-Pin DO-4 Diode Zener Single 16V 5% 10W 2-Pin DO-4 Diode Zener Single 7.5V 5% 10W 2-Pin DO-4 Diode Zener Single 24V 5% 10W 2-Pin DO-4 Diode Zener Single 175V 20% 10W 2-Pin DO-4 Diode Zener Single 50V 5% 10W 2-Pin DO-4 Diode Zener Single 43V 5% 10W 2-Pin DO-4 Diode Zener Single 56V 5% 10W 2-Pin DO-4 Diode Zener Single 13V 5% 10W 2-Pin DO-4 Diode Zener Single 8.2V 5% 10W 2-Pin DO-4 Diode Zener Single 15V 5% 10W 2-Pin DO-4 Diode Zener Single 27V 5% 10W 2-Pin DO-4 Diode Zener Single 18V 5% 10W 2-Pin DO-4 Diode Zener Single 105V 5% 10W 2-Pin DO-4 Diode Zener Single 52V 5% 10W 2-Pin DO-4 Diode Zener Single 47V 10% 10W 2-Pin DO-4 Diode Zener Single 36V 10% 10W 2-Pin DO-4 Diode Zener Single 36V 5% 10W 2-Pin DO-4 Diode Zener Single 51V 5% 10W 2-Pin DO-4 Diode Zener Single 47V 5% 10W 2-Pin DO-4
|
New Jersey Semiconductor
|
1N4981D 1N4973C 1N4955D 1N4957D 1N4957C 1N4964D 1N |
Diode Zener Single 91V 1% 5W 2-Pin Case E Diode Zener Single 43V 2% 5W 2-Pin Case E Diode Zener Single 7.5V 1% 5W 2-Pin Case E Diode Zener Single 9.1V 1% 5W 2-Pin Case E Diode Zener Single 9.1V 2% 5W 2-Pin Case E Diode Zener Single 18V 1% 5W 2-Pin Case E Diode Zener Single 10V 2% 5W 2-Pin Case E Diode Zener Single 12V 1% 5W 2-Pin Case E Diode Zener Single 51V 1% 5W 2-Pin Case E Diode Zener Single 36V 2% 5W 2-Pin Case E Diode Zener Single 15V 1% 5W 2-Pin Case E Diode Zener Single 20V 1% 5W 2-Pin Case E Diode Zener Single 75V 1% 5W 2-Pin Case E Diode Zener Single 100V 2% 5W 2-Pin Case E Diode Zener Single 100V 1% 5W 2-Pin Case E Diode Zener Single 11V 1% 5W 2-Pin Case E Diode Zener Single 75V 2% 5W 2-Pin Case E Diode Zener Single 56V 1% 5W 2-Pin Case E Diode Zener Single 24V 1% 5W 2-Pin Case E Diode Zener Single 24V 2% 5W 2-Pin Case E Diode Zener Single 10V 1% 5W 2-Pin Case E Diode Zener Single 13V 2% 5W 2-Pin Case E Diode Zener Single 30V 1% 5W 2-Pin Case E Diode Zener Single 39V 1% 5W 2-Pin Case E
|
New Jersey Semiconductor
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
586-2402-101F 586-2402-103F 586-2402-105F 586-2402 |
Single Chip BASED LED T 3 1/4 MINIATURE BAYONET (BA9s) T-3 1/4 SINGLE COLOR LED, RED, 10.7 mm ROHS COMPLIANT PACKAGE-1 T-3 1/4 SINGLE COLOR LED, YELLOW, 10.7 mm ; Luminous Intensity:825mcd; Forward Current:15mA; Leaded Process Compatible:Yes RoHS Compliant: Yes T-3 1/4 SINGLE COLOR LED, GREEN, 10.7 mm
|
http:// Dialight Corporation Dialight PLC
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
21PCT120TWYG4B-140 21PCT120TO4-140 21PCT120-1PB-14 |
T-1 DUAL COLOR LED ARRAY, YELLOW/HIGH EFFICIENCY GREEN, 3 mm T-1 SINGLE COLOR LED ARRAY, ORANGE, 3 mm T-1 SINGLE COLOR LED ARRAY, PURE BLUE, 3 mm T-1 SINGLE COLOR LED ARRAY, YELLOW, 3 mm T-1 SINGLE COLOR LED ARRAY, AQUA GREEN, 3 mm T-1 SINGLE COLOR LED ARRAY, ULTRA RED, 3 mm T-1 SINGLE COLOR LED ARRAY, COOL WHITE, 3 mm
|
LEDtronics, Inc.
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|