PART |
Description |
Maker |
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
MAX851 MAX851ESA MAX851ISA MAX850 MAX850ESA MAX850 |
Low-noise, regulated, negative charge-pump power supplies for GaAsFET bias. 2mVp-p output voltage ripple. 100kHz chage-pump switching frequency. Logic-level shutdown mode: 1microA max over temp. Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias 低噪声、稳压型、负输出电荷泵,用于GaAsFET偏置电源 Quadruple 2-Input Positive-AND Gates 20-LCCC -55 to 125 Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias Low-Noise / Regulated / Negative Charge-Pump Power Supplies for GaAsFET Bias
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
PZ8GG-1515Z PZ8GG-0505Z PZ8GG-0512Z PZ8GG-0515Z PZ |
Input voltage:15V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
P6MG244R8ZS P6MG0503ZS P6MG0505ZS P6MG053R3ZS P6MG |
Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3.3/3.3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 5/5V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3/3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output 3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 0,6 ?1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 3KV ISOLATED 0,6 1 W REGULATED DUAL SPLIT OUTPUT DIP14 千伏隔震0,6瓦稳压双输出DIP14劈裂
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515ZH30 PZ8GG-0505ZH30 PZ8GG-0512ZH30 PZ8GG |
Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:15V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 Input voltage:12V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|
NSD15-12D12 NSD15-12D15 NSD15-12D5 NSD15-12S12 NSD |
15W DC-DC Regulated Dual Output 15W DC-DC Regulated Single Output
|
Mean Well Enterprises Co., Ltd.
|
YKC03 YKC03-12D05 YKC03-12D12 YKC03-12D15 YKC03-12 |
10BTX TO 100BFX (SC) MM TP TX/FX MM1300 SC 2KM 3 WATTS REGULATED OUTPUT POWER
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
HEA-48-120130-2 HEA-48-075200-A HEA-48-180066-4 HE |
AC TO DC EXTERNAL UN-REGULATED WALLMOUNT & DESKTOP ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 12.0-15.6 WATTS LINEAR POWER ADAPTORS
|
HITRON ELECTRONICS CORPORTION
|
WRD12XXXXS-1W WRD241212S-1W |
Wide Input Isolated and Regulated 1W Output Twin Output Miniature Sip Package
|
Mornsun
|
KBU4D KBU4G KBU4M KBU4 KBU4A KBU4B KBU4J KBU4K |
Regulated Output Power; 1.6kVDC Isolation; Over Current and Over Voltage Protection; Six-Sided Shield; No Derating to 63C; Standard 2 x 1 Package Silicon-Bridge Rectifiers
|
Diotec Semiconductor AG Semtech Corporation DIOTEC[Diotec Semiconductor]
|