PART |
Description |
Maker |
44WR500T13 |
Model 44 Series / 4mm Square Multi-Turn Surface Mount
|
BI Technologies
|
44WR2MTB 44WR2MEGLFT7 44GR2KLFT13 44GR20KLFT13 44G |
4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 9 TURN(S), 0.25 W, 2000000 ohm 4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 9 TURN(S), 0.25 W, 2000 ohm 4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 9 TURN(S), 0.25 W, 20000 ohm 4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 9 TURN(S), 0.25 W, 200 ohm 4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 9 TURN(S), 0.25 W, 200000 ohm 4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 9 TURN(S), 0.25 W, 500000 ohm
|
BI Technologies Corporation BI Technologies, Corp.
|
3296P-1-200 3296P-1-200LF 3296P-1-100LF 3296P-1-20 |
POT 20 OHM 3/8 SQ CERM SL MT RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 20 ohm POT 10 OHM 3/8 SQ CERM SL MT RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 10 ohm POT 2.0M OHM 3/8 SQ CERM SL MT RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 2000000 ohm POT 250K OHM 3/8 SQ CERM SL MT RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 250000 ohm POT 200 OHM 3/8 SQ CERM SL MT RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 200 ohm TRIMMER - 3/8" SQ MT CERMET RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 2000000 ohm TRIMMER, 25 TURN 50K RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 50000 ohm TRIMMER, 25 TURN 2K RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 2000 ohm TRIMMER, 25 TURN 200R RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 200 ohm TRIMMER, 25 TURN 100K RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 100000 ohm TRIMMER, 25 TURN 1K RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 1000 ohm TRIMMER, 25 TURN 10K RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 10000 ohm TRIMMER, 25 TURN 200K RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 200000 ohm Multi-Turn Trimmer Potentiometers 3/8" 10ohms Sealed Horizontal Adjust RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 10 ohm Square Trimpot Trimming Potentiometer Tape and reel packaging available 3296 - 3/8 ?Square Trimpot? Trimming Potentiometer 3296 - 3/8 Square Trimpot Trimming Potentiometer
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
3296W-OT1-104 |
Multi-Turn Trimmer Potentiometers 3/8" 100Kohms Sealed Vertical Adjust RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 100000 ohm
|
Bourns, Inc.
|
3266X-1-104 3266X-1-101 3266Y-1-502RLF |
Multi-Turn Trimmer Potentiometers 1/4" 100Kohms 10% SQ W/Standoff Sealed RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 100000 ohm Multi-Turn Trimmer Potentiometers 1/4" 100ohms 10% SQ W/Standoff Sealed RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 100 ohm TRIMMER-1/4" SQ MT CERMET RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 5000 ohm
|
Bourns, Inc.
|
ST-32TA204 ST-32TB ST-32TB204 ST-32TG ST-32TG204 S |
Surface Mount Cermet Trimmers (single turn)
|
VISAY[Vishay Siliconix]
|
83PR5KLFTR 83PR100KLF 83PR100KLFTB 83PR100KLFTR 83 |
1/4 Single Turn Surface Mount Cermet Trimming Potentiometer
|
BITECH[Bi technologies]
|
22AR10KLFTR 22SR10KLFTR |
3 mm Single Turn Sealed Surface Mount Cermet Trimming Potentiometer
|
BI Technologies Corporation
|
22SR10KLFTR 22AR10KLFTR |
3 mm Single Turn Sealed Surface Mount Cermet Trimming Potentiometer
|
http:// BITECH[Bi technologies]
|
G32BTB100M G32BTB101M G32BTB102M G32BTB105M G32ATB |
3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
|
TOCOSAMERICA, INC.
|
357B0102MXB251S22 357B2202MAB251S22 357B0502MAB251 |
Model 357 7/8" (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type POT 5.0K OHM 20% SINGLE TURN POT 10K OHM 20% SINGLE TURN POT 1.0K OHM 20% SINGLE TURN POT 20K OHM 20% SINGLE TURN
|
Vishay Spectrol
|
ST-442A ST-442B ST-442C ST-442D ST-442G ST-442H ST |
Surface Mount Cermet Trimmers (single turn) Surface Mount Cermet Trimmers (single turn)
|
Vishay Siliconix
|
|