PART |
Description |
Maker |
PUMB19 PUMD19 PEMD19 PEMH19 PUMH19 PEMB19 PEMD1911 |
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = open NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR PEMD19; PUMD19; NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PUMB2 PEMB2-PUMB2-15 |
PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. PNP/PNP resistor-equipped transistors R1 = 47 k? R2 = 47 k?
|
NXP Semiconductors
|
PEMD10 PEMD10_1 |
NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm/ R2 = 47 kohm From old datasheet system NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm R2 = 47 kohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PUMH13115 PEMH13-PUMH13-15 |
NPN/NPN double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. NPN/NPN resistor-equipped transistors R1 = 4.7 k? R2 = 47 k?
|
NXP Semiconductors
|
PDTC143Z PDTC143ZE PDTC143ZEF PDTC143ZM PDTC143ZS |
NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN resistor-equipped transistors; R1 = 4.7 kW R2 = 47 kW NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PUMH20 PEMH20 PUMH20115 |
NPN/NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PUMD9 |
NPN/PNP resistor-equipped transistors
|
PHILIPS[Philips Semiconductors]
|
PEMD12-PUMD12-15 |
NPN/PNP resistor-equipped transistors; R1 = 47 k? R2 = 47 k?
|
NXP Semiconductors
|
PUMD3 |
NPN/PNP resistor-equipped transistors
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PEMD12 PUMD12 |
NPN/PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ NPN/PNP resistor-equipped transistors; R1 = 47 k楼?, R2 = 47 k楼?
|
NXP Semiconductors
|
PEMD15 PUMD15 |
NPN/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
|
NXP Semiconductors
|