PART |
Description |
Maker |
KBPC35005-3510 KBPC15005-1510 KBPC50005-5010 KBPC |
High Current Bridge Rectifier Automotive Catalog Advanced LinCMOS Rail-to-Rail Very Low-Power Operational Amplifier 14-TSSOP -40 to 125 Quadruple 2-Input Positive-NOR Gates 14-SO -40 to 85
|
COMCHIP[Comchip Technology] Comchip Technology Co., Ltd.
|
GC343DD72E334KX01L GC343DD72W154KX01L GC343DD72J68 |
Explanation of Symbols in This Catalog AEC-Q200 compliant product chip monolithic ceramic capacitors for automotive Chip Monolithic Ceramic Capacitors for Automotive Explanation of Symbols in This Catalog
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L... Murata Manufacturing Co...
|
MAX4533EWP MAX4533CWPT |
Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch QUAD 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO20
|
Maxim Integrated Products, Inc.
|
BUS-65163-B BUS-65153-883B |
Rail-to-rail high output current quad operational amplifier Output rail-to-rail operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Coilcraft, Inc.
|
5962-9318702H4A 5962-9318702H5C 5962-9318702HUC 59 |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps X32号的SRAM模块 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers X32号的SRAM模块 x32 SRAM Module X32号的SRAM模块
|
Electronic Theatre Controls, Inc. Avago Technologies, Ltd. Bourns, Inc.
|
24PCGNA2G 24PCAFA2G 24PCBFA2G 24PCCFA2G 24PCEFA2G |
Interactive Catalog Replaces Catalog Pages Interactive Catalog Supplements Catalog PDFs Interactive Catalog Replaces Catalog Pages
|
Honeywell Accelerometers Honeywell Solid State Electronics Center Honeywell Accelerometer...
|
LT1884 LT1884ACN8 LT1884ACS8 LT1884AIN8 LT1884AIS8 |
Dual/Quad Rail-to-Rail Output/ Picoamp Input Precision Op Amps From old datasheet system Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 125 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDIP8
|
LINER[Linear Technology] Linear Technology, Corp.
|
LT1885 LT1884 LT1884CS8TR |
Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps(四路,满幅度输微微安培输入精密运算放大 Dual Rail-to-Rail Output, Picoamp Input Precision Op Amps(双路,满幅度输微微安培输入精密运算放大 Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 150 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
LT136610 LT1369CS-PBF LT1369CS-TRPBF LT1366CN8-PBF |
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1150 uV OFFSET-MAX, 0.16 MHz BAND WIDTH, PDSO14
|
Linear Technology, Corp.
|
MAX509-MAX510 MAX510 MAX510ACPE MAX510ACWE MAX510A |
Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs Quad Serial 8-Bit DACs with Rail-to-Rail Outputs From old datasheet system
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
FME6G20US60 |
Automotive Catalog Single Bus Buffer Gate With 3-State Output 5-SC70 -40 to 125 晶体管| IGBT功率模块| 3 - PH值大桥| 600V的五(巴西)国际消费电子展|甲一(c
|
Murata Power Solutions, Inc.
|