PART |
Description |
Maker |
MUR7005 MUR7060 MUR7010 MUR7020 MUR7040 |
70A, 400V ultra fast recovery rectifier 70A, 200V ultra fast recovery rectifier 70A, 100V ultra fast recovery rectifier 70A, 50V ultra fast recovery rectifier 70 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
FFPF15U20DN FFPF15U20 FFPF15U20DNTU |
Ultrafast with soft recovery FAST RECOVERY POWER RECTIFIER 15A/200V Ultra Fast Recovery Rectifier
|
FAIRCHILD[Fairchild Semiconductor]
|
HDB105G HDB107G HDB101G HDB104G HDB106G HDB102G HD |
1.0A, 1000V ultra fast recovery rectifier 1.0A, 50V ultra fast recovery rectifier 1.0A, 800V ultra fast recovery rectifier 1.0A, 200V ultra fast recovery rectifier 1.0A, 400V ultra fast recovery rectifier 1.0A, 100V ultra fast recovery rectifier Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) IC-1W BTL MONO AUDIO AMP Analog IC Audio Power Amplifier IC; Speaker Channels:Stereo; Output Power, Po:22W; Load Impedance Min:4ohm; Supply Voltage Max:18V; Supply Voltage Min:9V; Package/Case:17-SIP; Amplifier Type:; Number of Amplifiers:2; Output Current:0.375A 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
CR6AF8GPP CR6AF10GPP CR6AF1GPP CR6AF2GPP CR6AF4GPP |
Leaded Rectifier Fast Recovery GLASS PASSIVATED JUNCTION FAST RECOVERY SILICON RECTIFIER 6.0 AMP 100 THRU 1000 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
PF75 |
0.18 A, 7500 V, SILICON, SIGNAL DIODE Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压,快速恢复整流二极管) Fast Recovery Axial Rectifier. 6000 V. Io=0.50 A RECTIFIER, 6kV, 500mA, 350ns PF75
|
Semtech Corporation
|
FFP10U20DN FFP10U20DNTU |
10A/200V Ultra Fast Recovery Rectifier FAST RECOVERY POWER RECTIFIER FAST RECOVERY POWER FECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
1N4933G2 1N4935 1N4935G-T 1N4936G-T 1N4933G-T 1N49 |
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes Incorporated
|
R9G20215AS R9G20415AS R9G20615AS R9G20815AS R9G212 |
200V, 1500A fast recovery single diode 400V, 1500A fast recovery single diode 600V, 1500A fast recovery single diode 800V, 1500A fast recovery single diode Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
|
Powerex Power Semiconductors
|
FFP04U40DN FFP04U40DNTU |
Ultrafast with soft recovery ULTRA FAST RECOVERY POWER RECTIFIER 4.0A/400V Ultra Fast Recovery Rectifier
|
Fairchild Semiconductor
|
1N3903 1N3901 1N3900 1N3900R IN3900 IN3901 IN3902 |
Ultra Fast Rectifier (less than 100ns) Fast Recovery Rectifier FastRectifier(100-500ns)
LED 5MM 574NM ALINGAP GRN CLEAR Fast Rectifier (100-500ns) 20 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|