PART |
Description |
Maker |
NTF3055-100T3LF NTF3055-100T1 NTF3055-100-D |
Power MOSFET 3.0 Amps, 60 Volts N-Channel SOT-223 TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 3A I(D) | SOT-223 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 3A条(丁)|的SOT - 223
|
ON Semiconductor
|
BUK481-100AT/R |
TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 1A I(D) | SOT-223 晶体管| MOSFET的| N沟道| 100V的五(巴西)直| 1A条(丁)|的SOT - 223
|
Cooper Bussmann, Inc.
|
NTF3055L108 NTF3055L108D NTF3055L108T1 NTF3055L108 |
Power MOSFET 3.0 A, 60 V, Logic Level, N−Channel SOT−223 3 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET 3.0 A, 60 V, Logic Level N-Channel SOT-223(3A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 3.0 A, 60 V, Logic Level, N−Channel SOT−223
|
ONSEMI[ON Semiconductor]
|
STN5PF02V |
P-channel 20V - 0.065 - 4.2A - SOT-223 2.5V - Drive STripFET II Power MOSFET P-channel 20V - 0.065з - 4.2A - SOT-223 2.5V - Drive STripFET⑩ II Power MOSFET P-channel 20V - 0.065蟹 - 4.2A - SOT-223 2.5V - Drive STripFET??II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STN4NF20L |
N-channel 200 V, 1.1 Ohm typ., 1 A STripFET(TM) II Power MOSFET in SOT-223 package N-channel 200 V, 1.1 Ω, 1 A SOT-223 low gate charge STripFET II Power MOSFET
|
ST Microelectronics STMicroelectronics
|
BLU56T/R |
TRANSISTOR | BJT | NPN | 16V V(BR)CEO | 200MA I(C) | SOT-223 晶体管|晶体管|叩| 16V的五(巴西)总裁| 200mA的一c)|的SOT - 223
|
NEC, Corp.
|
NDT456 NDT456P NDT456PJ23Z |
TRANSISTOR | MOSFET | P-CHANNEL | 30V V(BR)DSS | 7.5A I(D) | SOT-223 P-Channel Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor Corporation
|
NDT452 NDT452AP NDT452APJ23Z |
TRANSISTOR | MOSFET | P-CHANNEL | 30V V(BR)DSS | 5A I(D) | SOT-223 P-Channel Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STD1NK80Z-1 |
N-CHANNEL 800V - 13 - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESHMOSFET N沟道800V 13 1采用TO - 92 / SOT-223/DPAK/IPAK齐纳- ⑩MOSFET的保护SuperMESH
|
意法半导 STMicroelectronics N.V.
|
STN2NE06 6364 |
From old datasheet system N-CHANNEL 60V - 0.18 - 2A - SOT-223 STripFET TM POWER MOSFET N-CHANNEL 60V - 0.18ohm - 2A - SOT-223 STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
AMS1117 |
SOT-223 Transistor
|
TAIWAN SHIKE ELECTRONIC HOLDINGS LIMITED SK Electronics
|
IRLL024Z |
55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package AUTOMOTIVE MOSFET 汽车MOSFET
|
IRF[International Rectifier] International Rectifier, Corp.
|