PART |
Description |
Maker |
BYM26A BYM26G BYM26 BYM26B BYM26D BYM26F BYM26E BY |
From old datasheet system Fast soft-recovery controlled avalanche rectifiers(快速软恢复可控雪崩整流器(400 V Fast soft-recovery controlled avalanche rectifiers(快速软恢复可控雪崩整流00V INNOLINE: RP50-S - Single Outputs up to 15A- Input/Output 1.6kVDC Isolation- Adjustable Output Voltage- No Minimum Load- Under -Voltage Lockout INNOLINE: RP50-xxxxSB - Single Outputs up to 20A; Input/Output 1.6kVDC Isolation; Adjustable Output Voltage; No Minimum Load; Under -Voltage Lockout
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
S3P72K8 S3C72K8 |
singl-chip CMOS microcontroller
|
SAMSUNG[Samsung semiconductor]
|
R-521.8PA R-521.2PA R-522.5PA R-555.0PA R-521.2DA |
INNOLINE DC/DC-Converter INNOLINE直流/直流转换
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
E0C63P366 |
CMOS 4-Bit Low Voltage Singl Single Chip Microcomputer Composed of 4-Bit E0C63000 Core CPU,RAM,Rewritable ROM,Segment LCD Driver,On-Board Writing
|
爱普生(中国)有限公
|
E0C63B07 |
CMOS 4-Bit Low Voltage Singl Single Chip Microcomputer Composed of 4-Bit E0C63000 Core CPU,RAM,ROM7 Segment Type LCD Driver0000 Gates of Gate Array(4位CMOS、低电压、单片微型计算机(含4位E0C63000中央处理器核RAM,ROM7段LCD驱动器,10000门阵列))
|
爱普生(中国)有限公
|
SAA5497 SAA5297PS SAA5496H SAA5X9X SAA5296AH SAA52 |
Economy teletext and TV microcontrollers INNOLINE: Rxx-100_150A - Compact High Voltage Power Supplies - 5 Watt in Low Profile DIP24 Package - 3000VDC Isolation - Remote Voltage Programming
|
NXP Semiconductors N.V. Philips Semiconductors
|
R-726.5P R-725.0D R-725.0P R-723.3D R-723.3P R-746 |
RECTIFIER SCHOTTKY DUAL 10A 35V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE INNOLINE直流/直流转换 INNOLINE DC/DC-Converter INNOLINE直流/直流转换 CB 10C 10#16 SKT RECP LINE INNOLINE直流/直流转换 ER 10C 10#16 SKT RECP
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
X1228S14-2.7 X1228S14Z-2.7 X1228V14Z-2.7 X1228S14Z |
EXT. DISTANCE DATA CABLE 16 CO 1 TIMER(S), REAL TIME CLOCK, PDSO14 1 TIMER(S), REAL TIME CLOCK, PDSO14 PLASTIC, SOIC-14 1 TIMER(S), REAL TIME CLOCK, PDSO14 ROHS COMPLIANT, PLASTIC, TSSOP-14 1 TIMER(S), REAL TIME CLOCK, PDSO14 ROHS COMPLIANT, PLASTIC, SOIC-14 TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:15V; Breakdown Voltage, Vbr:16.7V; Peak Pulse Power PPK @ 8x20uS:300W; Capacitance, Cd:100pF; Package/Case:SOT-323; Breakdown Voltage Min:16.7V 1 TIMER(S), REAL TIME CLOCK, PDSO14 15V 300W SOT23 TRANSORB-DUAL-SINGL''ENDED DIODE 05 TVS SO8 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor RTC Module With CPU Supervisor EPD TVS Diode Array for ESD and Latch-Up Protection TVS Diode; Diode Type:Unidirectional TVS; Stand-Off Voltage, VRWM:12V; Breakdown Voltage, Vbr:13.3V; Capacitance, Cd:150pF; Package/Case:SOT-323; Breakdown Voltage Min:13.3V; Junction Capacitance:150pF; Leaded Process Compatible:No RoHS Compliant: No EXT. DISTANCE DATA CABLE 25 CO CONNECTOR ASSEMBLIES Real Time Clock/Calendar/CPU Supervisor with EEPROM
|
Intersil, Corp. http:// Intersil Corporation
|