PART |
Description |
Maker |
TCMD-12-S-12.00-01 TCMD-25-S-12.00-01 TCMD-22-S-12 |
CABLE ASSEM 2MM 24PS SGL END 12,1 24 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC CABLE ASSEM 2MM 50PS SGL END 12,1 50 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC CABLE ASSEM 2MM 44PS SGL END 12,1 44 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC CABLE ASSEM 2MM 10PS SGL END 12,1 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC CABLE ASSEM 2MM 34PS SGL END 12,1 34 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC
|
Samtec, Inc.
|
ICS9158-03 ICS9158-03CW24 |
50/125 PVC LC-LC 2M DUPLEX ASSEM Frequency Generator and Integrated Buffer
|
ICST[Integrated Circuit Systems]
|
ICS9158-07 ICS9158-07M |
50/125 PVC LC-SC 2M DUPLEX ASSEM Frequency Generator and Integrated Buffer
|
ICST[Integrated Circuit Systems]
|
ICS9159-20 ICS9159M-20 |
50/125 PVC SC-SC 1M DUPLEX ASSEM Frequency Generator for SIS551X and SIS6205 Chip Set Systems
|
ICST[Integrated Circuit Systems]
|
FM130-N FM140-N |
CABLE ASSEM 2MM 50POS F-F 12,1 Chip Schottky Barrier Diodes - Silicon epitaxial planer type
|
美丽微半导体有限公司
|
FM1246/HM/PH |
CABLE UMC PLUG-PLUG .81 500MM CABLE ASSEM 2MM 40POS F-F 12,1
|
Philips Semiconductors
|
FM1236 FM1236/HM/PH FM1236/HM/F 313914713421 31391 |
CABLE ASSEM 2MM 40POS F-F 6,1 ; Lens Color:Clear; Luminous Intensity (MSCP):R-32; G-42; B-204mW; Number of LEDs:3; Power Dissipation:3W RoHS Compliant: Yes Desktop video & FM radio module system M, N Desktop video & FM radio module system M/ N
|
NXP Semiconductors N.V. Philips Semiconductors
|
FM1233DFS3X FM1233D FM1233DDS3X FM1233DES3X |
3-Pin μC Supervisor Circuit CABLE ASSEM 2MM 20PS SGL END 12,1 3-Pin C Supervisor Circuit 3-Pin レC Supervisor Circuit 4.62V, Active Low Precision Reset Generator Circuit 4.12V, Active Low Precision Reset Generator Circuit 4.38V, Active Low Precision Reset Generator Circuit
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
15BS 15BSA 15BSB 15BSC 3.0BSA 3.0BSB 2.0BSB 2.7BS |
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Features:Unshielded; Jacket Color:Natural; Outer Diameter:0.134"; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes SILICON PLANAR ZENER DIODE SILICONPLANARZENERDIODE CONNECTOR ASSEMBLIES SSR H/S ZS CS AR 4-32VDC 50A 230V OTP PNP NO Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyolefin; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes 50/125 PVC MTRJ-SC 5M DUPLEX ASSEM Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Green; Conductor Material:Copper; Jacket Material:Rubber DIODE ZENER SINGLE 1000mW 56Vz 4.5mA-Izt 0.05 5uA-Ir 42.6Vr DO41-GLASS 5K/AMMO DIODE ZENER SINGLE 1000mW 51Vz 5mA-Izt 0.05 5uA-Ir 38.8Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 56Vz 4.5mA-Izt 0.05 5uA-Ir 42.6Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 62Vz 4mA-Izt 0.05 5uA-Ir 47.1Vr DO41-GLASS 5K/AMMO TRANS PNP BIPOLAR 40V SOT523 MMBT5401LT1, HIGH VOLT, PNPTRAN TRANS PNP 150V 350MW SMD SOT-23 XSTR/SM, NPN 0.350W 160V 0.6A SOT-23 CAT5E 350MHZ PATCH CABLE 30FT, SNAGLESS, PINK Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes 50/125 PVC MTRJ-LC 2M DUPLEX ASSEM 50/125 PVC MTRJ-LC 1M DUPLEX ASSEM CENTRONICS PARALLEL CBLS 36 PIN F - 36 PIN F GBASE 350 C5E PNK STRANDED BLK 250FT CAT5E 350MHZ PATCH CABLE 50FT, SNAGLESS, PINK GIGABASE 350 CAT5E PATCH 100 FT, SNAGLESS, PINK Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyolefin; Shielding Material HEMOSTAT 8 CURVED PICKSET ELECTRONIC 7 PC SCISSORS ELECTRICIANS COMPACT HEMOCLAMP/HEMOSTAT (STRAIGHT) 1007, 1569; CSA Types TR-64, TRSR-64; JQA-F-; Passes VW-1 Flame Test RoHS Compliant: Yes Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Number of Pairs:1; Leaded Process Compatible:Yes; Features:Unshielded; Temperature Max:75 C; Voltage Nom.:30V RoHS Compliant: Yes Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:16 x 34; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Impedance:90ohm; Leaded Process Compatible:Yes; Temperature Max:80 C RoHS Compliant: Yes Paired Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Leaded Process Compatible:Yes; Temperature Max:90 C RoHS Compliant: Yes surface mount silicon Zener diodes 表面贴装硅稳压二极管 CONNECTOR ACCESSORY 连接器附 HEMOSTAT 8 STRAIGHT 硅平面稳压二极管 LENS FOR T1 BLUE ROUND 硅平面稳压二极管 SSR H/S ZS CS AR 4-32VDC 30A 600V OTP NPN NO 硅平面稳压二极管 6.35mm Blade Horizontal Tab, 0.8mm thick, reeled, tin/lead
|
SEMTECH[Semtech Corporation] SemtechCorporation Semtech, Corp.
|
FFSD-25-D-12.00-01-N SAMTECINC-FFSD-13-D-12.00-01- |
CABLE ASSEM .05 50POS F-F 12 INTERCONNECTION DEVICE 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 21 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Samtec, Inc. SAMTEC INC
|
|