PART |
Description |
Maker |
DS1099U DS1099 DS1099U-F DS1099U-M DS1099U-G DS109 |
16 Hz, Low-frequency dual econ oscillator 8.187 kHz, Low-frequency dual econ oscillator 16.375 kHz, Low-frequency dual econ oscillator 32.750 kHz, Low-frequency dual econ oscillator Space-Saving, 8-Channel Relay/Load Driver Low-Frequency Dual EconOscillator 511.7 Hz, Low-frequency dual econ oscillator 255.8 Hz, Low-frequency dual econ oscillator 1 Hz, Low-frequency dual econ oscillator
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
AD5623R AD5643RBRMZ-3REEL7 AD5663RBRMZ-3REEL7 AD56 |
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference Dual 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC? with 5 ppm/°C On-Chip Reference Dual 14-Bit nanoDAC? with 5 ppm/°C On-Chip Reference Dual 16-Bit nanoDAC? with 5 ppm/°C On-Chip Reference
|
Analog Devices
|
1N822 1N822-1 1N822A 1N824 1N824-1 1N824A 1N821-1 |
Bobbins Transformer; Supply Voltage:230V; Power Rating:2.5VA; Mounting Type:PCB Surface; Approval Bodies:cURus; External Depth:1.375"; External Height:0.813"; External Width:1.125"; Frequency:60GHz; Leaded Process Compatible:Yes 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.55 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH TRANSF 17VAC .34A FLAT PACK PW 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH 0TC Reference Voltage Zener 0TC参考电压稳 Cleaning Compound; Dispensing Method:Spray; For Use With:Static Control Mats and Work Surfaces; Volume:1quart (US) RoHS Compliant: NA 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
|
Coilcraft, Inc. Microsemi, Corp. TOKO, Inc. MICROSEMI[Microsemi Corporation]
|
MAX3671 MAX3671ETN |
Low-Jitter Frequency Synthesizer with Selectable Input Reference
|
Maxim Integrated Products
|
FTSM102A |
Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
|
First Components International
|
TS9002IM8TP |
Low-Power Single/Dual-Supply Dual Comparator with Reference
|
Touchstone Semiconductor Inc
|
LT6700IS6-3 LT6700CS6-1 LT6700CS6-2 LT6700CS6-3 LT |
Micropower, low voltage, dual comparator with 400mV reference. MICROPOWER, LOW VOLTAGE, SOT-23, DUAL COMPARATOR WITH 400MV REFERENCE LCD 4.5 DIGIT .4 TRANSFL
|
LINER[Linear Technology] Linear Technology Corporation
|
MT9040AN MT9040 |
Single reference frequency selectable, 3.3V Digital PLL with multiple clock outputs for stratum 4 applications T1/E1 Synchronizer
|
ZARLINK[Zarlink Semiconductor Inc]
|
MT9041 |
Single reference frequency selectable Digital PLL with multiple clock outputs for T1/E1 trunk and backplane synchronization
|
Zarlink Semiconductor
|
HI2325 HI2325IN |
3.3V Dual 8-Bit, 40MSPS A/D Converter with Internal Reference and Digital Clamp 3.3V位,40MSPS A / D转换内部参考和数字钳型转换 3.3V Dual 8-Bit, 40MSPS A/D Converter with Internal Reference and Digital Clamp 2-CH 8-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP48
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL5740 ISL57406IN FN4821 ISL57402IN ISL57404IN IS |
3V Dual 10-Bit/ 20/40/60MSPS A/D Converter with Internal Voltage Reference From old datasheet system CABLE ASSEMBLY; C MALE TO C MALE; 50 OHM, RG141A/U COAX; 72" CABLE LENGTH 3V的双10位,20/40/60MSPS的A / D转换器内部电压基 3V Dual 10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
|
Intersil Corporation Intersil, Corp.
|
ZXRE1004FF ZXRE1004FN8 ZXRE1004FR ZXRE1004 ZXRE100 |
Micropower 1.22 V voltage reference SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE IC-SM 1.22V PRECISION REFERENCE 集成电路1.22V的高精度参 IC REF VOLT 1.22V 20MA 1% 8-SOIC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|