PART |
Description |
Maker |
HM5259405B-A6 HM5259165B-75 HM5259405B-75 HM525980 |
512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 16-bit 4-bank/16-Mword 8-bit 4-bank /32-Mword 4-bit 4-bank PC/133, PC/100 SDRAM
|
Elpida Memory
|
HM5212165FLTD-75 HM5212805FLTD-75 HM5212165FLTD-A6 |
128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword × 16-bit × 4-bank/4-Mword × 8-bit × 4-bank PC/133, PC/100 SDRAM 128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 隆驴 16-bit 隆驴 4-bank/4-Mword 隆驴 8-bit 隆驴 4-bank PC/133, PC/100 SDRAM
|
Elpida Memory
|
HM5264165A60 HM5264165B60 HM5264165F HM5264165F-75 |
64M LVTTL interface SDRAM 133 MHz/100 MHz
|
HITACHI[Hitachi Semiconductor]
|
K4S281632D K4S281632D-L1H K4S281632D-L1L K4S281632 |
128Mb SDRAM, 3.3V, LVTTL, 133MHz 128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL 128Mbit SDRAM00万16 × 4银行同步DRAM LVTTL RF CONNECTOR; 1.6/5.6 PLUG, CRIMP ATTACHMENT FOR RG179 & RG187 ; Current Rating:30mA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No 128Mb SDRAM, 3.3V, LVTTL, 166MHz 128Mb SDRAM, 3.3V, LVTTL, 183MHz
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic SAMSUNG[Samsung semiconductor]
|
HM5212325F HM5212325F-B60 HM5212325FBP-B60 |
128M LVTTL interface SDRAM 100MHz, 1-Mword x 32-bit x 4-bank 128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM INFRARED LIGHT EMITTING DIODE LED ORANGE J-TYPE SMD TAPE/REEL 128M的LVTTL接口SDRAM00兆赫1 - Mword × 32位4个银行PC/100 SDRAM
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
K4S643232H-TC70 K4S643232H-TL70 K4S643232H-TC_L50 |
64Mb (512K x 32bit x 4 banks) SDRAM, LVTTL, 183MHz 64Mb (512K x 32bit x 4 banks) SDRAM, LVTTL, 166MHz 64Mb (512K x 32bit x 4 banks) SDRAM, LVTTL, 200MHz 64Mb H-die (x32) SDRAM Specification
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD.
|
K4S643232F-TL45 K4S643232F-TL55 K4S643232F-TL70 K4 |
IR LED 950NM 18 DEG DOUBLE END 2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL 200万32内存12k × 32 × 4银行同步DRAM LVTTL
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
K4S281632C K4S281632C-TI K4S281632C-TI1H K4S281632 |
128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL 128Mbit SDRAM00万16 × 4银行同步DRAM LVTTL CONNECTOR ACCESSORY 连接器附
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic
|
GMM2649233ETG |
8Mx64 Bits PC100/PC133 Sdram Unbuffered Dimm Based on 8Mx8 Sdram With Lvttl
|
Hynix Semiconductor
|