PART |
Description |
Maker |
SM7302 |
10 MHz - 300 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER
|
|
NMA5110-A1M |
High Power Broadband Noise Sources 300 MHz to 1000 MHz
|
Micronetics, Inc.
|
CS04-02 |
20 MHz - 300 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER
|
TEMEX COMPONENTS
|
Z115 Z150 Z180 Z160 Z200A Z200 Z100 Z220 Z330 Z90 |
Device Programmer; Device Types Supported:EPROM, EPROM/Flash, Serial EPROM, Microcontroller & PLD; No. of Devices Supported:16887; Pitch Spacing:0.6"; For Use With: RoHS Compliant: NA From old datasheet system ZENER DIODE,SINGLE, TWO TERMINAL,200V V(Z),20%,DO-41 BK Precision Counters, Gate Time: .1-1 sec, Display: 7 Digit LED, Features: Suitable for VHF communications up to 200 MHz, high accurate time base Code:9V; Capacitance Measuring Range:4 nF - 40 mF; Current Measuring Range:20A; RoHS Compliant: NA , thermal & short-circuit protection, current limiting RoHS Compliant: NA Computers, Data logging Peripherals; Linear Power Supply; Output Voltage:64V; Output Current:15A; Number of Outputs:1; Output Current Max:15A; Output Current Min:0A; Supply Voltage Min 240 x 128 pixel format, CFL Backlight with power harness of transistors in Lo drive; base lead in Hi drive, all leads of SCR 128 x 64 pixel format, LED Backlight available 240 x 128 pixel format, LED or EL Backlight ADAPT FOR 844TSSOP TO 844 DIP TEST LEAD TIPS FOR TL-2 TEST LEADS DELUXE 150 x 32 pixel format, LED Backlight available Device Programmer; Device Types Supported:EPROM, EPROM/Flash, Serial EPROM, Microcontroller & PLD; No. of Devices Supported:16887; Pitch Spacing:0.6 Oscilloscope; Scope Type:Analog; Scope Bandwidth:60 MHz; Scope Channels:2 Scope; Calibrated:No; Rise Time:5.8ns; Sensitivity:5 mV/div to 5 V/div; Accuracy: /- 3 %; Resistance:1Mohm 170 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Oscilloscope; Scope Type:Analog; Scope Bandwidth:100 MHz; Scope Channels:2 Scope; Calibrated:No; Rise Time:3.5ns; Sensitivity:5 mV/div to 5 V/div; Accuracy: /- 3 %; Resistance:1Mohm 160 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 330 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 ZENER SILICON RETIFIER
|
RECTRON[Rectron Semiconductor] Rectron Electronic Enterprise Inc RECTRON LTD
|
Z86C93 |
CMOS Z8 MULT/DIV MICROCONTROLLER
|
Zilog. Zilog, Inc.
|
NMA5108-B1M |
High Power Broadband Noise Sources 100 Hz to 300 MHz
|
Micronetics, Inc.
|
ADE-R901 |
High Reliability Mixer Level 7 (LO Power 7 dBm) 300 to 1000 MHz
|
Mini-Circuits
|
VF161B-1-EG-FREQ VF160AHH-1-EG-FREQ VF160-1-EG-FRE |
CRYSTAL OSCILLATOR, CLOCK, 10 MHz - 300 MHz, PECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 10 MHz - 300 MHz, ECL OUTPUT
|
VALPEY FISHER CORP
|
MRF151G |
RF Power Field-Effect Transistor 300 W, 50 V, 175 MHz N-Channel Broadband MOSFET
|
M/A-COM Technology Solutions, Inc.
|
CELERONPROCESSORWITHMOBILE |
Celeron Processor Mobile Module MMC-1 at 400 MHz, 366 MHz, 333 MHz, and 300 MHz(工作频率400,366,333,30066兆赫兹带移动模块和连接器1处理
|
Intel Corp.
|
ZOS-535 |
VCO, 300 MHz - 525 MHz ROHS COMPLIANT, CASE BR386
|
Mini-Circuits
|
|