PART |
Description |
Maker |
AD565A |
(AD565A / AD566A) High Speed 12-Bit Monolithic D/A Converters
|
Maxim Integrated Products
|
KM68257C-12 KM68257CJ-12 KM68257CJ-20 KM68257CL-12 |
32Kx8 bit high speed static RAM (5V operating), 20ns 32Kx8 bit high speed static RAM (5V operating), 15ns 32Kx8 bit high speed static RAM (5V operating), 12ns 32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range. 32Kx8位高速静态RAM5V的工作(,进化引脚了。在商业温度范围工作
|
Samsung Electronic SAMSUNG[Samsung semiconductor] Samsung Semiconductor Co., Ltd.
|
AD848JR |
18V; 1.1W; high speed, low powered monolithic Op Amp. For cable drivers, 8 and 10-bit data acquisition systems, video and R amplification, signal generators
|
Analog Devices
|
BC857C BC856A BC857A BC856B BC857B BC858B BC858C B |
PNP SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counter 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
IDTQS3861Q IDTQS3861 IDTQS3861SO IDTQS3861PA QS386 |
QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH The QS3861 provides a set of ten high-speed CMOS TTL-compatible bus switches. High-Speed CMOS 10-Bit Bus Switch with Flow-Thru Pinout
|
INTEGRATED DEVICE TECHNOLOGY INC IDT[Integrated Device Technology]
|
ISL58292IN ISL5829EVAL1 ISL5829IN |
Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter Dual 12-bit/ 3.3V/ 130/210MSPS/ CommLink TM High Speed D/A Converter 210MHz; 3.6V; 24mA; dual 12-bit, 3.3V, 130/210 MSPS, commLink high speed D/A converter. For quadrature transmit with IF range 0-80MHz, medical/test instrumentation and equipment, wireless communication systems, BWA infrastructure
|
http:// Intersil Corporation
|
MSM6404A MSM6404VS MSM6404A_MSM6404VS MSM6404 MSM6 |
High speed and high perfomance 4-bit microcontroller From old datasheet system High speed and High performance 4-Bit Microcontroller
|
OKI electronic components OKI[OKI electronic componets]
|
HI5828_01 HI5828 HI5828IN |
D/A Converter, Dual, 12-Bit, 130MSPS, High Speed 12-Bit, 125 MSPS, CommLink⑩ Dual High Speed CMOS D/A (2.7V-5.5V)
|
INTERSIL[Intersil Corporation]
|
EL7154CNZ EL7154CS-T13 EL7154CSZ-T13 EL7154CN EL71 |
High Speed, Monolithic Pin Driver
|
INTERSIL[Intersil Corporation]
|
EL1056CM EL1056ACM EL1056A |
Monolithic High-Speed Pin Driver
|
INTERSIL[Intersil Corporation]
|
EDI8833P EDI8833C EDI8833LP |
HIGH SPEED 256K MONOLITHIC SRAM
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
AT27BV4096 AT27BV4096-12JC AT27BV4096-12JI AT27BV4 |
High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-PDIP -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|