PART |
Description |
Maker |
LTC1779 1779F LTC1779ES6 LTC1779ES6TRPBF |
250mA Current Mode Step-Down DC/DC Converter in ThinSOT From old datasheet system 250mA Current Mode Step-Down Converter in SOT-23 250mA Current Mode Step-Down DC/DC Converter in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.5 A SWITCHING REGULATOR, 650 kHz SWITCHING FREQ-MAX, PDSO6
|
LINER[Linear Technology] Linear Technology, Corp.
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
LTC1434 LTC1433 LTC1434IGN LTC1433CGN LTC1433IGN 1 |
From old datasheet system 450mA/ Low Noise Current Mode Step-Down DC/DC Converters 450mA, Low Noise Current Mode Step-Down DC/DC Converters
|
Linear Technology
|
ST763A ST763AB ST763ABD ST763ABDTR ST763ABN ST763A |
3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
|
STMICROELECTRONICS[STMicroelectronics]
|
LTC3814IFE-5-PBF LTC3814IFE-5-TRPBF |
60V Current Mode Synchronous Step-Up Controller
|
Linear Technology
|
MAX189 MAX1896 MAX1896EUT-T |
1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
|
MAXIM[Maxim Integrated Products]
|
ST750ACDTR ST750A07 |
Adjustable step-down, current-mode PWM DC-DC converters
|
STMicroelectronics
|
ADP1621-EVAL ADP1621ARMZ ADP1621ARMZ-R7 ADP1621 AD |
Constant-Frequency, Current-Mode Step-Up DC/DC Controller
|
AD[Analog Devices]
|
SI8005Q-TL SI-8005Q |
Step-Down Switching Regulator with Current-Mode Control
|
Sanken electric
|
MP9928 MP9928GF MP9928GL |
4V-60V Input, Current Mode, Synchronous Step-Down Controller
|
Monolithic Power System...
|
NR10050 SLF12565 RT2805A |
5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
|
Richtek Technology Corporation
|