PART |
Description |
Maker |
S13MD01 |
8-pin DIP Type SSR for Low Power Control
|
Sharp Electrionic Components
|
S101DH1 S101DH2 S201DH1 S201DH2 |
16-Pin DIP Type SSR for Low Power Control 16引脚DIP型苏维埃社会主义共和国低功率控制
|
Sharp, Corp. Sharp Corporation SHARP[Sharp Electrionic Components]
|
PR39MF22NSZ PR36MF22NSZ |
Solid State Relay 固态继电器 8-Pin DIP Type SSR for Low Power Control
|
SHARP[Sharp Electrionic Components]
|
PR3BMF11NSZ |
8-Pin DIP Type, Large Output current SSR
|
SHARP[Sharp Electrionic Components]
|
PR21HD22NSZ |
Low trigger current Zero Cross type DIP 16pin Triac output SSR
|
Sharp Microelectronics
|
PR39MF51NSLF |
Non-Zero Cross type DIP 8pin Triac output SSR
|
Sharp
|
PR39MF51NIPF PR39MF51NSZF |
Cost effective Non-Zero Cross type DIP 8pin Triac output SSR
|
Sharp Electrionic Components
|
KAQY212SE |
SSR MOSFET Output, Normal Open / low Current & ON Resistance Type
|
Cosmo Electronics
|
IR2121 |
Single Low Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package
|
International Rectifier
|
S216SE2 |
Reinforced Insulation Type Zero Cross type SIP 4pin Triac output SSR
|
Sharp Electrionic Components
|
PS7122AL-2B-E3 PS7122AL-1B-E4 PS7122AL-1B-E3 PS712 |
3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2233 packaged in a 28-Lead PDIP FET-OUTPUT OPTOCOUPLER High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a 14-Lead SOIC High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a 14-Lead PDIP Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead SOIC Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 场效应管输出光耦合 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2235 packaged in a 28-Lead PDIP Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead PDIP
|
NEC Corp. Atmel, Corp. NEC, Corp.
|