PART |
Description |
Maker |
XRD87L99AIQ XRD87L99 |
10-Bit, 2MSPS, CMOS, Low-Power Analog-to-Digital Converter (ADC) with 8-Channel MUX LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
|
EXAR[Exar Corporation]
|
MAX9763 MAX9760 MAX9762 MAX9760-MAX9763 MAX9761 MA |
Stereo 3W Audio Power Amplifiers with Headphone Drive and Input Mux "Stereo 3W Audio Power Amplifiers with Headphone Drive, Input MUX and Parallel Control" From old datasheet system "Mono 3W Audio Amp with Stereo Headphone Drive, Input MUX and I2C Control" "Stereo 3W Audio Power Amplifiers with Headphone Drive, Input MUX and I2C Control" "?Mono 3W Audio Amp with Stereo Headphone Drive, Input MUX and Parallel Control"
|
MAXIM[Maxim Integrated Products]
|
VSC8171 VSC8172 |
SONET/SDH 16:1 Mux with CMU. 5.2V power supply, 2.6W power dissipation
|
Vitesse Semiconductor Corporation Vitesse Semiconductor C...
|
DWM-1F4DS2720 DWM-1F8DS2720 DWM-1FSDS2720 DWM-1F4D |
FIBER OPTIC WAVELENGTH DIVISION MUX/DEMUX, 200GHz, SC/SPC CONNECTOR FIBER OPTIC WAVELENGTH DIVISION MUX/DEMUX, 200GHz, LC/UPC CONNECTOR FIBER OPTIC WAVELENGTH DIVISION MUX/DEMUX, 200GHz, FC/APC CONNECTOR FIBER OPTIC WAVELENGTH DIVISION MUX/DEMUX, 200GHz, FC/SPC CONNECTOR Multi-Channel Mux/Demux Module 100 GHz Spacing
|
JDS Uniphase Corporation http://
|
SY89852U08 SY89852U10 |
Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
|
Micrel Semiconductor
|
NCN7200 |
Data Switch, Gigabit Ethernet LAN, with 2:1 Mux/ DeMux and Power-Down Feature
|
ON Semiconductor
|
MP8798AS MP8798 MP8798AN MP8798AQ |
CMOS Very Low Power, 1 MSPS 10-Bit Analog-to-Digital Converter with 4-Channel Mux
|
Exar Corporation
|
WDM-1MDS25601 WDM-1MDS25602 WDM-1MDS25603 WDM-1MDS |
100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter FIBER OPTIC WAVELENGTH DIVISION MUX/DEMUX, LC/UPC CONNECTOR FIBER OPTIC WAVELENGTH DIVISION MUX/DEMUX, LC/APC CONNECTOR FIBER OPTIC WAVELENGTH DIVISION MUX/DEMUX, SC/UPC CONNECTOR FIBER OPTIC WAVELENGTH DIVISION MUX/DEMUX, SC/APC CONNECTOR
|
JDS Uniphase Corporation http:// JDS Uniphase, Corp.
|
ADG918BCP ADG919BCP ADG919 ADG918 ADG918BRM ADG919 |
Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches 宽带,四三分贝隔GHz时的CMOS 1.65 V.75V的,2:1复用/ SPDT开 Wideband 43dB Isolation 1GHz CMOS 1.65 V to 2.75V 2:1 Mux/SPDT Switches Wideband/ 43dB Isolation 1GHz/ CMOS 1.65 V to 2.75V/ 2:1 Mux/SPDT Switches Wideband, 43 dB Isolation @ 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT Switches
|
Analog Devices, Inc. AD[Analog Devices]
|
IDTQS3VH253 IDTQS3VH253-PA IDTQS3VH253-Q IDTQS3VH2 |
2.5V/3.3V Dual 4:1 Mux/Demux High Bandwidth Bus Switch QUICKSWITCH-R PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BAND-WIDTH BUS SWITCH
|
IDT Integrated Device Technology
|