PART |
Description |
Maker |
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
SI-3003KWM |
1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, SSO5 SI-3003KWM 1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator 1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
|
Sanken Electric Co., Ltd. Allegro MicroSystems
|
ADP3302AR4 ADP3302AR2 ADP3302 ADP3302AR5 |
High Precision anyCAP?Dual Low Dropout Linear Regulator Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect 24-VQFN 0 to 125 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 High Precision anyCAPDual Low Dropout Linear Regulator
|
Analog Devices, Inc.
|
LX8815 LX8815-2500CDF LX8815-2800CDF LX8815-3300CD |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 Dual Channel 1A Low Dropout Regulator
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
EZ1582 EZ1582CM EZ1582CM-2.5 EZ1582CT EZ1582CT-2.5 |
.100 14POS GOLD SOCKET DUAL INPUT LOW DROPOUT REGULATOR Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection L RND MOM BLK GL UNV LL RoHS Compliant: Yes
|
SEMTECH[Semtech Corporation]
|
CLM2951 CLM2951AC CLM2951ACP-X CLM2951ACS-X CLM295 |
3 V, 150 mA low dropout voltage regulator 5 V, 150 mA low dropout voltage regulator 150mA Low Dropout Voltage Regulators 150mA的低压差稳压 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
ZXCL5213V40 ZXCL5213V33 ZXCL5213V30 ZXCL5213V28 ZX |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5 MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
LX8584-XX LX8584-33CP LX8584 LX8584-33CV LX8584B-3 |
7 A LOW DROPOUT POSITIVE REGULATORS 7低压降的正调节器 7 A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 7 A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 7 A LOW DROPOUT POSITIVE REGULATORS 2.5 V-3.6 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 Analog IC CAP 0.15UF 440VAC EMI SUPPRESSN From old datasheet system 7 A LOW DR O P O U T PO S I T I V E RE G U L AT O R S Low Drop Out Regulator - Positive Adjustable Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
SI-3002KWD SI-3002KWD-TL |
1 A, low-dropout, dual output, 2.5 V & 3.3 V regulator. SI-3002KWD 1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems] http://
|
CS8161YTVA5G |
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PSFM5
|
ON Semiconductor
|