PART |
Description |
Maker |
1032E-70LJ 1032E-70LJI 1032E-70LT 1032E-70LTI PLSI |
High-Density Programmable Logic 高密度可编程逻辑 CABLE, 8163, 3PAIR, PER M; Cores, No. of:6; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:9.12mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6317 RoHS Compliant: Yes 高密度可编程逻辑 Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:2; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 高密度可编程逻辑 2#24 TFE BRD PFA RoHS Compliant: No CABLE, 8163, 3PAIR, PER M; Cores, No. of:6; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:9.12mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6317 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:3; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:100ohm RoHS Compliant: Yes COUPLING Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:3; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:50; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:25; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes CABLE, 8162, 2PAIR, PER M; Cores, No. of:4; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:8.71mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6316 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:2; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:100ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
W27C512-45 W27C512P-12 W27C512P-45 W27C512P-70 W27 |
FAN 24 DC MUFFIN MC24H3 64K X 8 EEPROM 12V, 90 ns, PDIP28 Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 64K X 8 ELECTRICALLY ERASABLE EPROM
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|
T435-600B T435-600BTR T435-600H T435-600HTR T435-6 |
4A TRIACS 4A双向可控 Fuses, Medium blow cartridge type A双向可控 4A TRIACS A双向可控 High-Flex Thin DeviceBus Paired Cable; Number of Conductors:4; Conductor Size AWG:24-22; No. Strands x Strand Size:154 x 44, 105 x 44; Jacket Material:Thermoplastic Elastomer High-Flex Thick DeviceBus Paired Cable; Number of Conductors:4; Conductor Size AWG:18-15; No. Strands x Strand Size:65 x 33, 65 x 36; Jacket Material:Thermoplastic Elastomer New Generation Twisted Paired Multiconductor Audio Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape CONNECTOR ACCESSORY
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
115-91-306 115-91-308 115-91-310 115-91-314 115-91 |
3#24 FEP SH FEP RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾 Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:30.2pF/ft; Conductor Material:Copper RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾 Dual-in-line sockets very low profile / ultra low profile / open frame Solder tail 双列直插式插座非常低超低配置/开架式焊尾 Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 3 #22 FEP FS SIL RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:6; Features:Aluminium Foil/Tinned Copper Braid; Impedance:75ohm RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Features:Conducting Nylon; Leaded Process Compatible:Yes; Temperature Max:150 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:20; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:10; Features:Aluminium Foil/Tinned Copper Braid; Impedance:75ohm RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Paired Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:22pF/ft; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31pF/ft; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:25; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:12.5; Features:Aluminium Foil/Tinned Copper Braid; Impedance:75ohm RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31.7pF/ft; Conductor Material:Copper RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
SLD326YT-3 SLD326YT SLD326YT-1 SLD326YT-2 SLD326YT |
Shielded Paired Cable; Number of Conductors:18; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes 4W High Power Laser Diode
|
SONY[Sony Corporation]
|
BYT1300 BYT86-1300 BYT86 BYT86/1300 |
Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Leaded Process Compatible:Yes; Features:Individual Beldfoil Shield RoHS Compliant: Yes CABLE 9537, 7CORE, PER M; Cores, No. of:7; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:5.31mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Approval Bodies:CSA, SRPVC, UL RoHS Compliant: Yes Very low drop voltage regulators with inhibit FAST RECOVERY SILICON POWER RECTIFIER
|
Vishay Intertechnology,Inc. Vishay Telefunken VISAY[Vishay Siliconix] STMicroelectronics
|
440LD33 125LD33 25Y 440LT68 125L 125LD10 125LD15 1 |
RES 4.7K-OHM 1% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM 交流线路额定光盘电容 AC Line Rated Disc Capacitors 交流线路等级盘状电容 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:2; Features:Unshielded; Impedance:88ohm; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:2; Features:Unshielded; Impedance:40ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes Rotary Switch; No. of Switch Positions:11; Circuitry:SPDT; Contact Current Max:1.5A; Indexing:30 ; Contact Rating:1.5A at 28VDC; Mounting Type:Panel; Number of Positions:11; Switch Features:30 degrees Indexing; Switch Function:SPDT RES NET BUSSED 56K OHM 8-SIP
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
313P 313.010P 313.031P 313.040P 313.062P 313.100P |
4 PR #24 PE SH PVC RoHS Compliant: Yes 轴向引线和熔断管-玻璃 Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Red; Approval Bodies:UL; Approval Categories:UL AWM Style 1855; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 轴向引线和熔断管-玻璃 Axial Lead and Cartridge Fuses - Glass Body 轴向引线和熔断管-玻璃 Low Capacitance Computer Cable, Power Electronic Cable Type, 2 Pairs, .340 in. Outer Diameter, Overall Tape/Braid/Drain. Wire Shielded,Chrome Color, 7/32 Stranded, Polyethylene Insulation, 24 AWG RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyethylene; Number of Pairs:6; Impedance:50ohm; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3122; Number of Contacts:5; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
AAT3218 AAT3218IGV-1.2-T1 AAT3218IGV-1.5-T1 AAT321 |
150mA MicroPower High Performance LDO 150mA MicroPower⑩ High Performance LDO Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Approval Categories:CMR Rated; Conductor Material:Copper; Features:Augmented Category 6, CMR Rated RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Approval Categories:CMR Rated; Features:Augmented Category 6, CMR Rated; Jacket Color:Blue RoHS Compliant: Yes CB 17C 17#16 PIN RECP BOX 150mA MicroPowerHigh Performance LDO 150mA的微功耗高性能的LDO UNKNOWN 150mA的微功耗高性能的LDO 150mA MicroPower??High Performance LDO
|
ANALOGIC TECH ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
AAT1152IKS-1.8-T1 AAT1152IKS-1.0-T1 AAT1152IKS-3.3 |
850kHz 1A Synchronous Buck DC/DC Converter 850kHz 1A条同步降压DC / DC转换 Paired Cable; Number of Conductors:8; Conductor Size AWG:24; Number of Pairs:4; Jacket Color:White/Black; Leaded Process Compatible:Yes; Spool Length:1000ft RoHS Compliant: Yes Triaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Polyvinylchloride (PVC); Capacitance:17pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
161.54000 161.52000 161.51000 161.51500 161.47500 |
OF2-Fuse links for rated voltage up to 32 V 页用于额定电2保险丝链 TELCO 25-PAIR PVC 5 FT 2 FEMALE CONNECTORS TELCO 25-PAIR PVC 5 FT 1 MALE/1 FEMALE CONNECTOR TELCO 25-PAIR PVC 25 FT 1 FEMALE CNNCTR/1 OPEN Connector assemblies, Network cables; Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Number of Pairs:6; Capacitance:26.0pF RoHS Compliant: Yes
|
Littelfuse, Inc.
|