PART |
Description |
Maker |
SY10EL34 SY10EL34LZC SY10EL34LZCTR SY10EL34ZC SY10 |
5V/3.3V ÷2,÷4,÷8 Clock Generation Chip(5V/3.3V ÷2,÷4,÷8时钟发生芯片) 5V/3.3V ÷ 2,4,8时钟发生器芯片(5V/3.3V ÷ 2,4,8时钟发生芯片 LED 2MM QUAD YELLOW 10EL SERIES, LOW SKEW CLOCK DRIVER, 3 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 5V/3.3V /2 /4 /8 CLOCK GENERATION CHIP 5V/3.3V ±2, ±4, ±8 CLOCK GENERATION CHIP 5V/3.3V 2, 4, 8 CLOCK GENERATION CHIP 5V/3.3V ÷2, ÷4, ÷8 CLOCK GENERATION CHIP
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor]
|
ICS950104 ICS950104YFT |
Programmable System Clock Chip for PIII Processor Single Chip, SIS 630S Mobile Clock for Tualatin
|
Integrated Circuit Systems ICS
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
ICS9248-66 ICS9248YF-66 ICS9248YF-66LF |
133.3 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 SSOP-48 Frequency Timing Generator for PENTIUM II Systems 820 Single Chip Clock, Supports 100 - 133MHz
|
Integrated Device Technology, Inc. ICST[Integrated Circuit Systems]
|
ICS9248-64 ICS9248YF-64 ICS9248YF-64LF |
AMD-K7 System Clock Chip; 50 - 133MHz CPU AMD-K7TM System Clock Chip 133.3 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, SSOP-48
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems] Integrated Device Technology, Inc.
|
ICS9250-33 |
P4 Single Chip Clock, with 4 Differential Pairs with Over Clocking (A)
|
ICS
|
ICS9250-16 ICS9250YF-16-T |
150 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO56 0.300 INCH, SSOP-56 DS3/E3/STS-1 Transformer CK810E Single Chip Clock, Supports 66 - 150MHz Frequency Generator & Integrated Buffers for Celeron & PII/III⑩
|
Integrated Device Technology, Inc. ICST[Integrated Circuit Systems]
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
MC100H641FN MC10H641FN |
SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
|
Motorola, Inc
|
ICS9250-09 |
CK820 Single Chip Clock, Supports 100 - 133MHz
|
ICS
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|