PART |
Description |
Maker |
PSD512B0 ZPSD512B0-C-70J ZPSD512B0-C-70L ZPSD512B0 |
PSD5XX/ZPSD5XX FAMILY FIELD-PROGRAMMABLE MICROCONTROLLER PERIPHERALS Slide Switch; Circuitry:DPDT; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Solder Lug; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes ROCKER SWITCH, SPST, ILLUM RED; Switch function type:SPST; Current, contact AC max:16A; Temp, op. max:85(degree C); Width, panel cutout:34.5mm; Length, panel cut-out:23.5mm; Colour:Red (illuminated); Current, contact @ contact RoHS Compliant: Yes Slide Switch; Circuitry:DPDT; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Solder Lug; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes Slide Switch; Circuitry:DPDT; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes PSD5XX/ZPSD5XX FAMILY FIELD-PROGRAMMABLE MICROCONTROLLER PERIPHERALS EXPRESS ETHERNET SWITCH 16 PORT ER 2C 2#16S SKT RECP WALL 低成本现场可编程微控制器外围设备 Low Cost Field Programmable Microcontroller Peripherals 低成本现场可编程微控制器外围设备
|
http:// ST Microelectronics 意法半导 STMicroelectronics N.V.
|
PSD401A1-C-90JI PSD401A1-C-90UI PSD401A2-C-90JI PS |
Low Cost Field Programmable Microcontroller Peripherals Flash In-System Programmable ISP Peripherals For 8-bit MCUs PSD4XX/ZPSD4XX FAMILY FIELD-PROGRAMMABLE MICROCONTROLLER PERIPHERALS
|
ST Microelectronics
|
XC3090L XC3000L XC3020L XC3030L XC3042L XC3064L |
Part of the ZERO family of 3.3 V FPGAs XC3000L Low Voltage Logic Cell Array Family
|
XILINX[Xilinx, Inc]
|
AM486DX2 AMD-X5-133SDZ AMD-X5-133AFW AMD-X5-133SFZ |
Am5X86??Microprocessor Family Am5X86 Microprocessor Family Am5X86Microprocessor Family 32-BIT, 133 MHz, MICROPROCESSOR, PQFP208
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
HAL508UA-A HAL523SF-A HAL523SF-K HAL516SF-A HAL516 |
MAGNETIC FIELD SENSOR-HALL EFFECT, -2.3-2.3mT, 0-20mA, RECTANGULAR, THROUGH HOLE MOUNT MAGNETIC FIELD SENSOR-HALL EFFECT, 20.7-13.5mT, 0-20mA, RECTANGULAR, THROUGH HOLE MOUNT PLASTIC, TO-92UA-1, 3 PIN Hall-Effect Sensor Family
|
Micronas Semiconductor Holding AG
|
ST62T20 ST62T25 ST62T28 ST62T52 ST62T53 ST62T55 ST |
EPROM PROGRAMMING BOARDS DATASHEET FOR ST62 FAMILY 16-Bit Bus Transceivers And Registers With 3-State Outputs 56-SSOP -40 to 85 32Mb CellularRAM EPROM编程议会部件的ST62家庭 EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY EPROM编程议会讨论ST62单片机系 EPROM PROGRAMMING BOARDS DATASHEET FOR ST62 FAMILY EPROM编程议会部件的ST62家庭
|
http:// ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 Microchip Technology, Inc. STMicroelectronics N.V.
|
HD40A46812 HD40A4688 HD40A4689 HD4074889 HD407A468 |
H46XX Family Microcomputers H48XX Family Microcomputers
|
Hitachi Semiconductor
|
TOPP244R TOP242-249 TOP243P TOP245Y TOP242G |
Family Extended Power/ Design Flexible/Integrated Off-line Switcher Family Extended Power, Design Flexible,Integrated Off-line Switcher 家庭扩展的电源,设计灵活,集成的离线切换 Family Extended Power, Design Flexible,Integrated Off-line Switcher 1.44 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PDIP7 Family Extended Power / Design Flexible / Integrated Off-line Switcher
|
Power Integrations Inc. Power Integrations, Inc. POWER INTEGRATIONS INC
|
E28F004BVT80 E28F004BVB80 E28F004BVT60 E28F004BVT1 |
4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Dual-Slot, PCMCIA Analog Power Controller Evaluation Kit for the MAX5943A/B/C/D/E 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO48 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO56
|
Intel Corporation Intel Corp. Intel, Corp.
|