PART |
Description |
Maker |
PDTD113ZT PDTD113ZT215 PDTD113ZT-13 PDTD113ZT-15 |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PEMH9 PIMH9 PUMH9 PUMH9125 |
NPN-NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=10千欧姆,R2=47千欧 NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ NPN/NPN resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PDTC114YEF PDTC114YT |
NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm NPN配电阻型晶体R1=10千欧姆,R2=47千欧 NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ NPN resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PEMH14 PUMH14 5C H1- H1P H1T H1W |
NPN/NPN resistor-equipped transistors R1 = 47 kohm, R2 = open NPN/NPN配电阻型晶体管;R1=47千欧姆,R2=开 NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PUMD17 PEMD17 PEMD17-PUMD17-15 |
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW PEMD17; PUMD17; NPN/PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm
|
NXP Semiconductors Philips Semiconductors
|
PDTC144E PDTC144EU PDTC144EE PDTC144EEF PDTC144EK |
PDTC144E series; NPN resistor-equipped transistors; R1 = 47 kOhm, R2 = 47 kOhm NPN resistor-equipped transistors; R1 = 47 k ohm, R2 = 47 k ohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PEMH18 PUMH18 |
NPN/NPN resistor-equipped transistors; R1 = 4.7 k惟, R2 = 10 k惟 NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 10 kΩ NPN-NPN resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 10 kOhm
|
NXP Semiconductors
|
PDTC124E PDTC124EE PDTC124EEF PDTC124EK PDTC124EM |
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = 22 kΩ NPN resistor-equipped transistors; R1 = 22 k楼?, R2 = 22 k楼?
|
NXP Semiconductors
|
PDTC114EK |
NPN resistor-equipped transistor
|
Philips
|
PDTC143XU PDTC143X PDTC143XEF PDTC143XK PDTC143XM |
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PDTC123ET PDTC123E PDTC123EE PDTC123EEF PDTC123EK |
NPN resistor-equipped transistors; R1 = 2.2 k惟, R2 = 2.2 k惟 NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|