PART |
Description |
Maker |
ST777 ST777ACD ST777ACN ST778 ST778ACD ST778ACN ST |
LOW VOLTAGE 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIERS LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER LOW VOLTAGE 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIERS FUSE, 3A, FAST ACTING, 0603
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
IP3R07 IP3R07A IP1R07 IP1R07A IP1R07AG-BSS2 IP1R07 |
Voltage Regulator - Low Drop Out ADJUSTABLE POSITIVE LDO REGULATOR, MSFM3 Voltage Regulator - Low Drop Out ADJUSTABLE POSITIVE LDO REGULATOR, MBFM2 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR Adjustable Positive Voltage Regulator - Low Drop Out
|
TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
SPX1584 SPX1584AT-5.0 SPX1584AU SPX1584AU-3.3 SPX1 |
8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V 8A条低压差线性稳压器可调 4-Channel, 12-bit, 65MSPS ADC with Serial LVDS Interface 64-HTQFP 8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
|
Analog Devices, Inc. Atmel, Corp. SIPEX[Sipex Corporation]
|
BZV55-A56 BZV55-B10 BZV55-B11 BZV55-B12 BZV55-B13 |
2.5V voltage references 二极管稳V2 Low voltage adjustable shunt reference 二极管稳压三人制 1.24 V adjustable shunt voltage reference 二极管稳V3 DIODE ZENER SOD-80C 二极管稳压的SOD - 80C DIODE ZENER 56V 二极管稳6V Programmable voltage reference 二极管稳20V Programmable voltage reference 二极管稳16V 1.225V micropower shunt voltage reference High thermal stability micropower shunt voltage reference 5V or 3V NVRAM supervisor for up to two LPSRAMs 5-pin supervisor with watchdog timer and push-button reset Adjustable 0.6V open collector shunt voltage reference 1.24V programmable shunt voltage reference Voltage Regulator Diodes(稳压二极 Voltage regulator diodes
|
Bourns, Inc. Vishay Intertechnology, Inc. NXP Semiconductors N.V. Fox Electronics Advanced Analogic Technologies, Inc. Avago Technologies, Ltd. Philips Semiconductors
|
OM7624NM OM7621NM OM7622NM OM7623NM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
|
IRF[International Rectifier]
|
PQ070XF01SZH |
1.5 V-7 V ADJUSTABLE POSITIVE REGULATOR, SFM4 TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
|
SHARP ELECTRONICS CORP Sharp Electrionic Components
|
SPX1587 SPX1587AR SPX1587AR-1.5 SPX1587AR-2.5 SPX1 |
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response(3A,低压差稳压器(可调和固定输快速响) ER 22 24 D/C PLAS 3A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
|
SIPEX[Sipex Corporation]
|
FAN1582_0311 FAN1582 FAN1582D15X FAN1582D25X FAN15 |
3A Adjustable Low Dropout Voltage Regulator (LDO) 3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
|
FAIRCHILD[Fairchild Semiconductor]
|
IL1085 |
IC of adjustable voltage regulator of positive polarity with low residual voltage and load current 3 А IC of adjustable voltage regulator of positive polarity with low residual voltage and load current 3 ? 集成电路的低电压和负载剩余电?正极性可调的电压调节
|
INTEGRAL[Integral Corp.]
|
LT1085LCC4 LT1085LCC4-8QR-B |
3A Ceramic Surface Mount Low Dropout Positive Adjustable Voltage Regulator For HI-REL Application(Military Version)(3A 浣??宸?????绋冲???HI-REL搴??,?????琛ㄨ创??) 3A Ceramic Surface Mount Low Dropout Positive Adjustable Voltage Regulator For HI-REL Application(Military Version)(3A 低压差正可调稳压HI-REL应用,军用表贴) CERAMIC SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB] http://
|
PQ070XZ01ZPH PQ070XZ01ZXH PQ070XZ01ZZH PQ070XZ5MZP |
1.5 V-7 V ADJUSTABLE POSITIVE REGULATOR, PSSO5 Low Voltage Operation Low Power-loss Voltage Regulator
|
SHARP ELECTRONICS CORP Sharp Electrionic Components
|