PART |
Description |
Maker |
HIP4083 HIP4083AB HIP4083AP |
80V/ 300mA Three Phase High Side Driver 80V, 300mA Three Phase High Side Driver 30000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN
|
INTERSIL[Intersil Corporation]
|
HIP4080A HIP4080AIB HIP4080AIP |
80V/2.5A Peak, High Frequency Full Bridge FET Driver 80V/2.5A峰值,高频全桥FET驱动 30000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 80V/2.5A Peak/ High Frequency Full Bridge FET Driver
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
NTE19 NTE18 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 700MA I(C) | SIP TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 700MA I(C) | SIP Silicon Complementary Transistors High Voltage, High Current Capacity Driver
|
NTE[NTE Electronics]
|
SET111411 SET111403 SET111412 SET111419 SET111404 |
High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?400V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?1000V,娓╁害55???骞冲??存??垫?30A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) 3 PHASE, 30 A, SILICON, BRIDGE RECTIFIER DIODE High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?150V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴??涓???ㄦ尝妗ユ?娴??) High Density,High Current,3-Phase Full Wave Bridge Rectifier(反向电压1000V,温度55℃时平均整流电流45A,高密大电三相全波桥整流器) 高密度,大电3 -相全波桥式整流器(反向电000V的温5℃时平均整流电流45A条,高密度,大电流,三相全波桥整流器 HIGH CURRENT, 3-PHASE FULL WAVE BRIDGE ASSEMBLY
|
Semtech, Corp. Semtech Corporation
|
2SB1198 2SB1198K A5800312 2SB1198KQ |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 500MA I(C) | SC-59 From old datasheet system Low-frequency Transistor(-80V, -0.5A) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Low-frequency Transistor(-80V/ -0.5A)
|
ROHM[Rohm]
|
74VHC125 HC125 74VHC125SJX 74VHC125M 74VHC125MTC 7 |
Quad Buffer with 3-STATE Outputs Small Signal Bipolar Transistor; Collector Emitter Voltage, Vceo:80V; Transistor Polarity:Dual P Channel; C-E Breakdown Voltage:80V; DC Current Gain Min (hfe):25; Package/Case:TO-92; Collector Base Voltage:80V Low Cost, High Speed Differential Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial Quad Buffer with 3-STATE Outputs AHC/VHC SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDIP14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
2SA1724 |
High fT (fT = 1.5GHz typ). High Current (IC = 300mA). Adoption of FBET process.
|
TY Semiconductor Co., Ltd
|
LT1962-3.3 LT1962-1.5 LT1962-1.8 |
300mA, Low Noise, Micropower LDO Regulators(3.3V输出,300mA, 低噪微功低压差输出稳压器) 300mA, Low Noise, Micropower LDO Regulators(1.5V输出,300mA, 低噪微功低压差输出稳压器) 300mA, Low Noise, Micropower LDO Regulators(1.8V杈??,300mA, 浣??澹?寰????浣??宸???虹ǔ???)
|
Linear Technology Corporation
|
MP4688 |
80V Input, 1A High Power LED Driver
|
Monolithic Power Systems
|
HIP4086DEMO1Z |
80V, 500mA, 3-Phase MOSFET Driver
|
Intersil Corporation
|
LT1640AL LT1640AH 1640ALAHF |
-9V to -80V, SO-8, Active High Power Good From old datasheet system
|
Linear
|