PART |
Description |
Maker |
ASM3P2779AG-08TT ASM3I2779A-06OR ASM3I2779A-08SR A |
Low Power Peak EMI Reducing Solution Octal Bus Transceiver With 3-State Outputs 20-SSOP -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-VQFN -40 to 85 COMMERCIAL THER Octal Bus Transceivers With 3-State Outputs 20-BGA MICROSTAR JUNIOR -40 to 85
|
ALSC[Alliance Semiconductor Corporation]
|
QS54FCT2828BTHB QS74FCT827ATP QS74FCT827BTSO QS74F |
(QS74FCT827T/QS74FCT828T) High Speed Cmos Bus Interface 10 Bit Tranceivers 10-Bit Buffer/Driver 10位缓冲器/驱动
|
Quality Semiconductor Delta Electronics, Inc.
|
N74F620D N74F620N N74F623N 74F620 74F623 N74620D N |
Octal bus transceiver, inverting 3tate 八路总线收发器,反相3tate Octal bus transceiver, non-inverting (3-State)(八通道总线收发器,同向(三态)) Octal bus transceiver / inverting 3tate From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DM74AS245 DM74AS245N DM74AS245SJ DM74AS245WM DM74A |
Octal 3-STATE Bus Transceivers Octal Bus Transceiver with 3-STATE Outputs From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
74LVCH245AD 74LVC245A 74LVCH245ABQ 74LVCH245ABX 74 |
Octal bus transceiver; 3-state LVC/LCX/Z SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PQCC20 Octal bus transceiver; 3-state 8个三态总线收发 3
|
NXP Semiconductors N.V.
|
PM3390 |
Octal EXACT?/a> Bus Switch Matrix Octal EXACTBus Switch Matrix Octal EXACT⑩ Bus Switch Matrix Octal EXACT Bus Switch Matrix
|
PMC-Sierra, Inc. PMC-Sierra Inc
|
IDT74LVCH245A 74LVCH245A_DS_86467 IDT74LVCH245ASO |
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD From old datasheet system
|
IDT[Integrated Device Technology]
|
N74F640 N74F640D N74F640N 74F640 74F640_2 |
Octal bus transceiver / inverting 3-State From old datasheet system Octal bus transceiver, inverting (3-State) Octal bus transceiver, inverting 3-State Octal bus transceiver inverting 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
M95128-MW6TG M95256-DW3G/A M95256-DW3G/V M95256-MW |
16K X 8 SPI BUS SERIAL EEPROM, PDIP8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 32K X 8 SPI BUS SERIAL EEPROM, PDSO8 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-PDIP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-SSOP -40 to 85 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 RECTIFIER SCHOTTKY SINGLE 10A 40V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit128Kbit的EEPROM串行SPI总线高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit28Kbit的EEPROM串行SPI总线高速时 RECTIFIER SCHOTTKY DUAL 16A 50V 250A-ifsm 0.7V-vf 0.5mA-ir TO-220AB 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 Replaced by SN74ABT245B : Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 RES 1.5K-OHM 1% 0.125W 100PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA RES 6.20K OHM 1/4W 1% 1206 SMD VARISTOR 150V RMS 4032 SMD Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 256 Kbit Serial SPI bus EEPROM with high speed clock 256Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
HD74LS642-1 HD74LS642-1P |
BUS TRANSCEIVER|SINGLE|8-BIT|LS-TTL|DIP|20PIN|PLASTIC Octal Bus Transceivers(inverted open-collector outputs)
|
HITACHI[Hitachi Semiconductor]
|