PART |
Description |
Maker |
CY2SSTV16859ZIT CY2SSTV16859 CY2SSTV16859LFC CY2SS |
13-Bit to 26-Bit Registered Buffer PC2700-/PC3200-Compliant 13-Bit to 26-Bit Registered Buffer PC2700-/PC3200-Compliant SSTV SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO64
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor, Corp.
|
N74F8966A N74F8965A 74F8965 74F8966 |
9-Bit address/data Futurebus transceiver, ADT 9-Bit address/data Futurebus transceiver ADT 16-Bit Ultra-Low-Power MCU, 16kB Flash, 256B RAM, 16-bit Sigma-Delta A/D, 12-bit D/A, LCD Driver 48-SSOP -40 to 85 F/FAST SERIES, 9-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, PQCC44
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74ACT841SC 74ACT841 74ACT841SPC 74ACT841MTC 74ACT8 |
From old datasheet system 10-Bit D-Type Latch 8-Bit LVTTL-GTLP Adjustable-Edge-Rate Registered Transceiver with Split LVTTL Port and Feedback Path 48-TVSOP -40 to 85 10-Bit Transparent Latch with 3-STATE Outputs ACT SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
SSTUM32866EC_G SSTUM32866EC_S SSTUM32866 SSTUM3286 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
|
NXP Semiconductors
|
PI74ALVCH16270 |
From old datasheet system 12-Bit To 24-Bit Registered Bus Exchanger with 3-State Outputs
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp.
|
LTC3548 |
12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85
|
Linear Technology Corporation
|
SSTUH32866 |
1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer
|
Philips Semiconductors
|
HD74ALVCH16269 |
12-bit to 24-bit Registered Bus Transceivers with 3-state Outputs(三态输出的12位至24位寄存总线收发 12位至24位注册总线收发器具有三态输出(三态输出的12位至24位寄存总线收发器)
|
Renesas Electronics, Corp. HITACHI[Hitachi Semiconductor]
|
ICSSSTV32852YHT |
DDR 24-Bit to 48-Bit Registered Buffer 复员24位到48位注册缓冲区
|
Electronic Theatre Controls, Inc.
|
GS8161E32D-166 GS8161E32D-166I GS8161E3T-200 GS816 |
14-Bit Registered Buffer With SSTL_2 Inputs and Outputs 48-TVSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×18512k×32512k×36 18M位同步突发静态存储器 20-Bit SSTL_3 Interface Buffer With 3-State Outputs 64-TSSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer With Address-Parity Test 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×1812k×3212k×36 18M位同步突发静态存储器 Quad 2-input Exclusive-OR gates 14-PDIP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer with SSTL_18 Inputs and Outputs 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 20-Bit SSTL_3 Interface Universal Bus Driver With 3-State Outputs 64-TSSOP 0 to 70 Quad 2-input Exclusive-OR gates 14-SOIC 0 to 70 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 56-VQFN 0 to 70
|
http:// GSI Technology Electronic Theatre Controls, Inc.
|
IDT74SSTVN16859C IDT74SSTVN16859CNL IDT74SSTVN1685 |
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
|
Integrated Device Technology
|