PART |
Description |
Maker |
HD63705V0 HD637A05V0 HD637B05V0 |
8-BIT CMOS SINGLE CHIP MICROCOMPUTER UNIT(MCU) 8位CMOS单片机单元(MCU
|
Hitachi,Ltd. Hitachi Semiconductor
|
HD6301Y0H HD63A01Y0H HD63B01Y0H HD63C01Y0H HD63C01 |
CMOS MCU(MICROCOMPUTER UNIT) CMOS MCU(MICROCOMPUTER UNIT) 的CMOS微控制器(微机组 SW ROCKER SPST 16A BK/WHT W/MRKG Toggle Switch; Circuitry:3PDT; Switch Operation:On-None-Off; Contact Current Max:10A; Actuator Style:Bat; Contact Rating:10A at 250VAC; Mounting Type:Panel; Size/Dimensions:HxWxD 1.955 x1.088 x1.308 in; Switch Features:Bat
|
Hitachi Semiconductor Hitachi,Ltd.
|
HD6805W1 |
MCU MICROCOMPUTER UNIT
|
Hitachi Semiconductor
|
HD6805S1 |
MCU (MICROCOMPUTER UNIT)
|
HITACHI[Hitachi Semiconductor]
|
MC912DG128PMPV MC912DT128PMPV MC912DG128X MC912DG1 |
Microcontrollers The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit 16-BIT, FLASH, 8 MHz, MICROCONTROLLER, PQFP112 The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit 该MC68HC912DT128A微控制器单元(MCU)是一6位设备的标准组成的片上外设包括一6位中央处理单
|
Motorola, Inc. Motorola Mobility Holdings, Inc. MOTOROLA INC
|
MC9S12A256MFU |
Microcontroller Unit (MCU) 微控制器(MCU
|
飞思卡尔半导体(中国)有限公司
|
MC912DT128ACPV MC912DG128CMPV MC912DG128PCPV MC912 |
The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
|
MOTOROLA[Motorola, Inc]
|
MC912DG128ACPV MC912DG128AMPV MC912DG128AVPV |
The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
|
Motorola, Inc
|
HD637B01Y0C |
0.3-7 V, 2 MHz, CMOS microcomputer unit
|
Hitachi Semiconductor
|
MC9S12DT512 MC9S12A512 MC9S12DJ512 MC9S12DP512 MC9 |
Microcontroller Unit (MCU)
|
FREESCALE[Freescale Semiconductor, Inc]
|
HD637B01Y0 HD63701Y0 HD637A01Y0 |
CMOS 8-BIT SINGLE-CHIP MICROCOMPUTER UNIT
|
HITACHI[Hitachi Semiconductor]
|