PART |
Description |
Maker |
DDTC114ELP DDTC114ELP-7 |
PRE-BIASED (R1 = R2) SMALL SIGNALSURFACE MOUNT 100mA NPN TRANSISTOR
|
Diodes Incorporated
|
DDTA113ZE-DIE |
100mA DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
|
Diodes Inc.
|
DDTC114WE DDTC114WE-7 DDTC114YE DDTC114YE-7 DDTC12 |
SNAP LOCK CABLE MARKER - W 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 4-Indent D-Sub Crimper; For Use With:4-Indent Closed-Barrel D-Sub Contacts; Color:Red; Series:1440; Wire Size (AWG):20-12 RoHS Compliant: Yes npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
DCX4710H-7 |
100mA DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
DDTC114TE DDTC114TE-7 DDTC124TE DDTC124TE-7 DDTC14 |
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
SB01W05C |
50V, 100mA Rectifier Shottky Barrier Diode (Twin Type Cathode Common) Small signal(twin type) 50V 100mA Rectifier 50V/ 100mA Rectifier
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
DDTC113TKA DDTC113TKA2 DDTC144TKA DDTC123TKA DDTC1 |
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
DDTC122TU DDTCXXXXU DDTC142JU DDTC122LU DDTC142TU |
NPN PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
DDTC124TCA-7-F DDTC113TCA-7-F DDTC113TCA1 DDTC144T |
NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
DDTD122LU DDTD122TU DDTD122LU2 DDTD142JU DDTD142TU |
Prebiased Transistors NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|