PART |
Description |
Maker |
DDTC113ZUA2 DDTC144WUA DDTC114YUA-7-F DDTC123YUA-7 |
Prebiased Transistors NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
DDTC114EKA DDTC114EKA-7 DDTC124EKA DDTC124EKA-7 DD |
NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR npn型预偏置小信号资 59表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 30 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
DDTC114YE-7-F DDTC123YE-7-F DDTC143ZE-7-F DDTC113Z |
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 30 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Prebiased Transistors
|
Diodes, Inc.
|
DDTC143EE DDTC124EE DDTC144EE DDTC123EE DDTC115EE |
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 20 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
DDTC144WKA-7-F DDTC113ZKA DDTC113ZKA_1 DDTC113ZKA- |
NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
DDTC144GKA-7-F DDTC114GKA DDTC114GKA_1 DDTC114GKA- |
NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
DDTC144TKA-7-F DDTC113TKA DDTC113TKA_1 DDTC113TKA- |
NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
DDTC113TE DDTC113TE2 |
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
DDA114EU DDA114EU-7 DDA114TU DDA114TU-7 DDA114YU D |
PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, 300 PIN PLUG, 0.05 X 0.05 IN. CENTERLINES, MEG-ARRAY, UL REQUIRED 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, PLUG, .050 IN, MEG-ARRAY, 300 X NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
DDTD133HC-7-F DDTD143EC DDTD113EC DDTD113EC09 DDTD |
Prebiased Transistors 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 NPN PRE-BIASED 500mA SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated Diodes Inc.
|
DDTCXXXXCA DDTC144ECA DDTC114ECA DDTC115ECA DDTC12 |
NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
|
http:// DIODES[Diodes Incorporated]
|
DDTC124TCA-7-F DDTC113TCA-7-F DDTC113TCA1 DDTC144T |
NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|