PART |
Description |
Maker |
CAT93C86YI-1.8TE13 CAT93C86J-1.8TE13 CAT93C86JA-1. |
16K-Bit Microwire Serial EEPROM 8-kb, 3 MHz @ 4.5 V, 1 MHz @ 2.5 V, 500 kHz @ 1.8 V 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM
|
http:// CATALYST[Catalyst Semiconductor] Tianjin Global Magnetic Card Co., Ltd.
|
FM93C86A FM93C86AE FM93C86AV FM93C86 FM93C86AL FM9 |
IC-16K BIT SERIAL EEPROM 1K X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 16K-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 16K-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
93LC76-ISN |
8K/16K 2.5V Microwire Serial EEPROM
|
Microchip Technology
|
MAX17605 MAX17601 MAX17603 MAX17600 MAX17602 CAT24 |
4A Sink /Source Current, 12ns, Dual MOSFET Drivers 2K/4K-Bit Serial EEPROM with Partial Array Write Protection 2K/4K-Bit偏串行EEPROM阵列写保 1K/2K/4K/8K/16K SPI Serial CMOS EEPROM 1K/2K/4K/8K/16K SPI 串行 互补型金属氧化物 电可擦可编程只读存储 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64K8K的8电池电压的CMOS E2PROM
|
Maxim Integrated Products Atmel, Corp. ON Semiconductor TE Connectivity, Ltd.
|
FM93C46 FM93C46E FM93C46V FM93C46EM8 FM93C46N FM93 |
From old datasheet system 1024-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) Microwire Serial EEPROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 Monolithic Photodiode and Single-Supply Transimpedance Amplifier 8-SOP 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 1024-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
DS21054E 24AA16 24AA16IP 24AA16ISL 24AA16ISN 24AA1 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 16K 1.8V I 2 C O Serial EEPROM 16K.8VI 2二氧化碳串行EEPROM 16K 1.8V I2C SERIAL EEPROM 16K1.8VI2CSERIALEEPROM 16K1.8VI2COSerialEEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MicrochipTechnology MICROCHIP[Microchip Technology]
|
AT93C46Y6-10YH-1.8 AT93C46-10SU-2.7/SL383 |
8 ULTRA THIN,MINI MAP,PB/HALO FREE,IND T(SERIAL EE) 64 X 16 MICROWIRE BUS SERIAL EEPROM, DSO8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Atmel, Corp. ATMEL CORP
|
AT93C46-10PQ-2.7 AT93C46-10TE-2.7 |
10MS, PDIP, EXT TEMP, GREEN, 2.7V(SERIAL EE) 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Atmel, Corp. ATMEL CORP
|
IS93C76A IS93C86A-3ZLI IS93C76A-2GRI IS93C76A-2GRL |
8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM 1K X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM 512 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:10; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; Features:Spring Cover; For Use With:C146 Rectangular Circular Connectors RoHS Compliant: Yes Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:10; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; For Use With:C146 Rectangular Circular Connectors; Operating Voltage:400V RoHS Compliant: Yes
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
CAT93C46LI-G CAT93C46XI-T2 CAT93C46VP2I-GT3 |
1 kb Microwire Serial EEPROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 1 Kb Microwire Serial EEPROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
93C66AIMS 93C66AIMSG 93C66AIOT 93C66AIOTG 93C66AIP |
From old datasheet system 4K Microwire Compatible Serial EEPROM 93AA66A/B/C, 93LC66A/B/C, and 93C66A/B/C 4K Microwire-Compatible Serial EEPROM
|
MICROCHIP[Microchip Technology]
|