PART |
Description |
Maker |
74LVT16374AEV |
74LVT16374A; 3.3V LVT 16-bit edge-triggered D-type flip-flop (3-State)
|
Philips
|
74LVT162374 74LVT162374DGG 74LVT162374DL |
3.3 V LVT 16-bit edge-triggered D-type flip-flop with 30 Ohm termination resistors (3-State) 3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
|
Philips Semiconductors
|
74LVT162245B 74LVT162245BDGG 74LVT162245BDL VT1622 |
3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State 3.3V LVT 16-bit transceiver with 30Ω termination resistors (3-State)(30Ω终端电阻3.3V LVT 16位收发器(三)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74LVTH16244BDGG51 74LVT16244BDL112 |
3.3 V 16-bit buffer/driver; 3-state, SOT362-1 (TSSOP48), Tube Dry Pack LVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 3.3 V 16-bit buffer/driver; 3-state, SOT370-1 (SSOP48), Tube LVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
NXP Semiconductors N.V.
|
74LVTH125DB 74LVTH125BQ 74LVT125 74LVT125D 74LVT12 |
3.3 V quad buffer; 3-state LVT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 3.3 V quad buffer; 3-state LVT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PQCC14 3.3 V quad buffer 3-state
|
NXP Semiconductors N.V.
|
74LVT1403 74LVT1403DR |
3.3V combined 8-bit bus receiver and 4-bit bus driver 3.3联合8位总线接收器和4位公共汽车司 3.3V combined 8-bit bus receiver and 4-bit bus driver LVT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO32
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVT241 74LVT241D 74LVT241DB 74LVT241PW 74LVT241P |
3.3V Octal buffer/line driver 3-State LVT SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20 From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
ST72561 ST72561AR6 ST72561AR9 ST72561J6 ST72561J9 |
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85
|
意法半导
|
74LVTH646 74LVTH646MTCX 74LVTH646WMX |
LVT SERIES, 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO24 4.40 MM, MO-153, TSSOP-24 From old datasheet system Low Voltage Octal Transceiver/Register with 3-STATE Outputs
|
Fairchild Semiconductor, Corp.
|
74AC161MTC 74AC161PC 74AC161SC 74AC161SJ 74AC161 7 |
Synchronous Presettable Binary Counter Synchronous Up Counter AC SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDSO16 Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface ACT SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDSO16 Synchronous Presettable Binary Counter ACT SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDIP16 From old datasheet system Synchronous Presettable Binary Counter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ICS16859C ICSSSTV16859CG-T ICSSSTV16859CKLF |
SSTV SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, CQCC56 DDR 13-Bit to 26-Bit Registered Buffer
|
Integrated Circuit Systems
|