PART |
Description |
Maker |
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCXH16373 74LCXH16373MTD 74LCXH16373GX 74LCXH163 |
Low Voltage 16-Bit Transparent Latch with Bushold From old datasheet system 8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74AUP1G373GF 74AUP1G373GN |
Low-power D-type transparent latch; 3-state 低功D型透明锁存器;3 Low-power D-type transparent latch; 3-state AUP/ULP/V SERIES, POSITIVE EDGE TRIGGERED D LATCH, TRUE OUTPUT, PDSO6
|
NXP Semiconductors N.V.
|
2SD88205 MC74ACT259NG 74AC259 MC74AC259 MC74AC259D |
MEDIUM POWER LOW VOLTAGE TRANSISTOR 8−Bit Addressable Latch
|
UTC ONSEMI[ON Semiconductor]
|
CDP1881C CDP1881CE CDP1882 CDP1882C CDP1882CE CDP1 |
CMOS 6-Bit Latch and Decoder Memory Interfaces(CMOS 6位锁存和解码存储器接口) 的CMOS 6位锁存器和解码器存储器接口的CMOS6位锁存和解码存储器接口) CMOS 6-Bit Latch and Decoder Memory Interfaces HIGH LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PDIP20 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
74LCX32373 74LCX32373GX |
Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs (Preliminary) From old datasheet system Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs Preliminary
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCX16373MTD 74VCX16373 74VCX16373MTDXNL |
Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
100328QC 100328 100328SC 100328PC 100328QI 100328Q |
Low Power ECL/TTL Bi-Directional Translator with Latch Low Power Octal ECL/TTL Bi-Directional Translator with Latch From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74VCX16373DT 74VCX16373 |
Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
|
ON Semiconductor
|
MC74VCX16373DT MC74VCX16373 |
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
IDT74LVC16841A |
3.3V CMOS LOW VOLTAGE 20-BIT TRANSPARENT LATCH
|
IDT
|