PART |
Description |
Maker |
74LVCH245AD 74LVC245A 74LVCH245ABQ 74LVCH245ABX 74 |
Octal bus transceiver; 3-state LVC/LCX/Z SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PQCC20 Octal bus transceiver; 3-state 8个三态总线收发 3
|
NXP Semiconductors N.V.
|
LT1521-3.3 LT1521CS8-3.3 LT1521CST-3.3 LT1521IS8-3 |
Paired Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes OCTAL BUS TRANSCEIVER/IOL=48mA O.C. 20-SOIC 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 OCTAL BUS TRANSCEIVER/IOL=48mA O.C. 20-SOIC 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO4 OCTAL BUS TRANSCEIVER/IOL=48mA O.C. 20-PDIP 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Octal Bus Transceivers 20-SOIC 0 to 70 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
Linear Technology Corporation Linear Technology, Corp.
|
74ACT245 74ACT245B 74ACT245M 74ACT245T 4823 |
From old datasheet system OCTAL BUS TRANSCEIVER (3-STATE) OCTAL BUS TRANSCEIVER 3-STATE
|
ST Microelectronics STMicroelectronics
|
DM74LS245 DM74LS245N DM74LS245SJ DM74LS245WM 74245 |
3-STATE Octal Bus Transceiver Single 8-bit Bus Transceiver LS SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
TC74HC652AP E004901 |
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE) From old datasheet system OCTAL BUS TRANSCEIVER / REGISTER (3-STATE)
|
Toshiba Semiconductor
|
SN74LS245N SN54LS245J SN54LS245 SN74LS245DW |
LS SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDIP20 OCTAL BUS TRANSCEIVER
|
FREESCALE SEMICONDUCTOR INC MOTOROLA[Motorola, Inc] Motorola Inc
|
MC74HC245ADTR2 |
Octal 3-State Noninverting Bus Transceiver HC/UH SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20
|
Rectron Semiconductor
|
74LVCH245AQ20-13 74LVCH245A |
Octal Bus Transceiver with Bus Hold / 3 State Outputs
|
Diodes Incorporated
|
HD74LS645-1 74LS645 HD74LS645-1P |
Octal Bus Transceivers(non-inverted-3state outputs) BUS TRANSCEIVER|SINGLE|8-BIT|LS-TTL|DIP|20PIN|PLASTIC Octal Bus Transceivers with non-inverted 3-state outputs
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
IDT74LVC4245A IDTXXLVT4245APG IDTXXLVT4245APY IDTX |
3.3V CMOS OCTAL BUS TRANSCEIVER AND 3.3V TO 5V SHIFTER WITH 3-STATE OUTPUTS, 5V TOLERANT I/O 3.3V CMOS Octal Bus Transceiver and 3.3V TO 5.0V Shifter with 3-State Outputs, 5.0V Tolerant I/O CMOS OCTAL BUS TRANSCEIVER AND 3.3V TO 5V SHIFTER WITH 3-STATE OUT-PUTS AND 5 VOLT TOLERANT I/O
|
IDT[Integrated Device Technology]
|
MC74HCT245ASD MC54HCT245AJ MC54_74HCT245A ON1518 M |
Octal 3-State Noninverting Bus Transceiver with LSTTL-Compatible Inputs Octal 3-State Noninverting Bus Transceiver with LSTTL Compatible Inputs OCTAL 3-STATE NONINVERTING BUS TRANSCELVER WLTH LSTTL COMPATIBLE INPUTS From old datasheet system
|
Motorola, Inc ON Semi MOTOROLA[Motorola Inc]
|