PART |
Description |
Maker |
DS1821 MAX6625RMTT MAX6642YATT98 MAX6628MTAT MAX66 |
Programmable Digital Thermostat and Thermometer 可编程数字温控器和温度计 9-Bit/12-Bit Temperature Sensors with I<sup>2</sup>C-Compatible Serial Interface in a SOT23 ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 1Cel, SQUARE, SURFACE MOUNT Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 5.50Cel, RECTANGULAR, SURFACE MOUNT 2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs DIGITAL TEMP SENSOR-SERIAL Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23 DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT DIGITAL TEMP SENSOR-SERIAL, 8BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX6690 MAX6690MEE |
2°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface 2??C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface 2∑C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
|
MAXIM[Maxim Integrated Products]
|
TMP06BKS-500RL7 TMP05BKS-500RL7 TMP05ART-REEL7 TMP |
±0.5°C Accurate PWM Temperature Sensor in 5-Lead SC-70 TV 22C 22#22D PIN PLUG 0.5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2Cel, RECTANGULAR, SURFACE MOUNT .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 1Cel, RECTANGULAR, SURFACE MOUNT TV 22C 22#22D SKT PLUG DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2Cel, RECTANGULAR, SURFACE MOUNT .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5ΣC高精度PWM温度传感器在5引脚SC - 70 ??.5?? Accurate PWM Temperature Sensor in 5-Lead SC-70
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MCP9844 |
±1°C Accurate, 1.8V Digital Temperature Sensor
|
Microchip Technology
|
ADT7408CCPZ-REEL7 ADT7408CCPZ-REEL ADT7408CCPZ-R2 |
2C Accurate, 12-Bit Digital Temperature Sensor -2 C Accurate, 12-Bit Digital Temperature Sensor
|
AD[Analog Devices]
|
ADT7302ART-REEL7 ADT7302ARM-REEL7 ADT7302ART-500RL |
±2°C Accurate MicroPower Digital Temperature Sensor in 6-Lead SOT-23
|
Analog Devices
|
ADT7401 ADT401BRT-REEL |
SMBus/I2C® Compatible, ±0.5°C Accurate 12-Bit Digital Temperature Sensor with Daisy Chain
|
Analog Devices
|
MAX1414CAI |
TMP125: 2 Degree Celsius Accurate Digital Temperature Sensor with SPI (TM) Interface 6-SOT-23 -40 to 125 SPECIALTY ANALOG CIRCUIT, PDSO28
|
Maxim Integrated Products, Inc.
|
SA56004X |
remote/local digital temperature sensor
|
NXP Semiconductors
|
AD5060ARJZ-1REEL7 AD5060ARJZ-2REEL7 AD5060YRJZ-1RE |
Full Accurate 3 V/5 V 16-Bit VOUT nanoDAC® Converter, Output Buffered, in a Sot 23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO8 Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23 Fully Accurate 14-/16-Bit VOUT nanoDAC?SPI Interface 2.7 V to 5.5 V, in an SOT-23
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADT7318ARQZ ADT7317ARQZ ADT7316ARQZ |
DIGITAL TEMP SENSOR-SERIAL, 8BIT(s), 5Cel, RECTANGULAR, SURFACE MOUNT LEAD FREE, MO-137-AB, QSOP-16 DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 5Cel, RECTANGULAR, SURFACE MOUNT LEAD FREE, MO-137-AB, QSOP-16 ±0.5°C Accurate Digital Temperature Sensor and Quad Voltage Output 12-Bit DAC; Package: QSOP; No of Pins: 16; Temperature Range: Industrial DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 5Cel, RECTANGULAR, SURFACE MOUNT
|
Analog Devices, Inc.
|
|