PART |
Description |
Maker |
NCP4545 |
NCP4545 Datasheet - ecoSWITCH™ Advanced Load Management: 10.5A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-6V, Adj. Slew Rate, Adj. Discharge, Adj. Turn-On Delay
|
ON Semiconductor
|
LT1109A-12 LT1109-12 LT1109 LT1109CS8-12TRPBF |
From old datasheet system Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V Micropower Low Cost DC/DC Converter-Fixed 12V Micropower DC/DC Converter Flash Memory VPP Generator, Fixed 12V
|
LINEAR TECHNOLOGY CORP
|
LTC3401EMS LTC3401 |
1A, 3MHz Micropower Synchronous Boost Converter 1.6 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 SMPS CONTROLLER,VOLTAGE-MODE,CMOS,TSSOP,10PIN,PLASTIC 1A/ 3MHz Micropower Synchronous Boost Converter From old datasheet system
|
Linear Technology, Corp. Linear Technology Corp LINER[Linear Technology]
|
MCP1253-33X50I_MS MCP1253T-33X50I_MS MCP1253-ADJI_ |
(MCP1252 / MCP1253) Low Noise / Positive-Regulated Charge Pump Low Noise, Positive-Regulated Charge Pump 低噪声,正调节电荷泵 The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ... The MCP1253-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of either 3.3V or 5.0V and can deliver 120mA of load current at the selected regulated output voltage. Since the The MCP1252-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of ... The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
MC10H130FN MC10H130L MC10H130P ON0752 |
Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 10H SERIES, DUAL LOW LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PDIP16 From old datasheet system Dual Latch
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
IRU1050CD IRU1050CM IRU1050CP IRU1050CT IRU1050 IR |
5A Adj LDO Linear Regulator in a TO-263 3-Leads package 5A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 5A Adj LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
LT1111 LT1111-12 LT1111-5 LT1111C LT1111CN8 LT1111 |
Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V Micropower DC/DC Converter Adjustable and Fixed 5V, 12V From old datasheet system
|
LINER[Linear Technology]
|
LTC1516IS8 LTC1516 LTC1516CS8 1516F |
From old datasheet system Micropower, Regulated 5V Charge Pump DC/DC Converter Micropower/ Regulated 5V Charge Pump DC/DC Converter
|
LINER[Linear Technology]
|
LT3473 |
Micropower 1A Boost Converter
|
Linear Technology
|
LT1073 LT1073CN8-12 LT1073CN8PBF LT1073CS8-5PBF LT |
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V Micropower DC-DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 23 kHz SWITCHING FREQ-MAX, PDIP8 Micropower DC-DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 23 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|
MC33463H-33LT1 MC33463H-30LT1 |
VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
|
MOTOROLA[Motorola Inc]
|