PART |
Description |
Maker |
LM317MDT LM317MS LM317MT LM317MX LM217M LM217MDT L |
MEDIUM CURRENT1.2 TO 37V ADJUSTABLE VOLTAGE REGULATORS MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR Medium Current 1.2 TO 37V Adjustable Volatage Regulator(中等电流.2V7V可调电压稳压 中等电流1.27V可调Volatage稳压器(中等电流,片山至1.2V的可调电压稳压器
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
LM317M |
3-Terminal 0.5A Positive Voltage Adjustable Regulator (Output Voltage Adjustable Over1.2V to 37V)(三端可调正输出电压稳压器(输出可调电压:1.2V7V、输.5A
|
Fairchild Semiconductor Corporation
|
LM317K |
1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
ST Microelectronics
|
LM317LZ LM217L LM217LD LM217LZ LM317L |
1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR LOW CURRENT LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
SGS Thomson Microelectronics STMicroelectronics
|
LM317LD13TR LM217LD13TR LM317L LM217L LM217L07 |
Low current 1.2 to 37V adjustable voltage regulator
|
STMicroelectronics
|
NTE1911 |
1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MBFM2 3 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V, 1.5A
|
NTE[NTE Electronics]
|
CATF4-1003F4LF CAY16-1003F2 CAY16-1003J2 CAY16-100 |
CAT/CAY 16 Series-Chip Resistor Arrays 16系列芯片电阻阵列 Timer IC; Supply Voltage Max:16V; Package/Case:8-DIP; Current Rating:10A; Timer Type:Timer; Mounting Type:Through Hole; Type:Timer RoHS Compliant: Yes 6系列芯片电阻阵列 CAT/CAY 16 Series-Chip Resistor Arrays 6系列芯片电阻阵列 RESISTOR WIREWOUND 75 OHM 3W 6系列芯片电阻阵列 THERMAL CUTOUT 152C 10A AXIAL ER 3C 3#12 PIN PLUG Linear Voltage Regulator IC; Output Voltage Adjustable Max, Vout:37V; Output Voltage Adjustable Min, Vout:1.2V; Package/Case:3-TO-220; Current Rating:1.5A; Voltage Regulator Type:Adjustable Positive Voltage
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] N.A. BOURNS List of Unclassifed Man...
|
OMR1033SR OMR1033ST OMR1033NM OMR1033NMM |
ADJUSTABLE NEGATIVE REGULATOR, DSO3 Three Terminal, Adjustable Voltage, 3.0 Amp Precision Negative Regulators(3.0A,涓?????,绮惧?????靛?杈??绋冲??? 20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS Three Terminal, Adjustable Voltage, 3.0 Amp Precision Negative Regulators(3.0A,三端可调,精密型负电压输出稳压 三端,可调电压,3.0安培精密负稳压器3.0A的,三端可调,精密型负电压输出稳压器 Hi-Rel Adjustable Voltage 3-Terminal Negative Radiation Hardened Regulator 高可靠性可调电压三端稳压负抗辐
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
MMBZ52 MMBZ5235 MMBZ5250 MMBZ5243 MMBZ5256 MMBZ525 |
SURFACE MOUNT ZENER DIODES/SOT-23 2-36V Dual Comparator, Ta = -40 to 105°C - Pb-free; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000 3A, 15V, 52kHz Buck PWM Switching Regulator; Package: TO-220 5 LEAD STANDARD; No of Pins: 5; Container: Rail; Qty per Container: 50 3A, Adjustable Output Voltage 1.23 to 37V, 52kHz Buck PWM Switching Regulator; Package: 5 LEAD D2PAK; No of Pins: 5; Container: Rail; Qty per 3-36V Quad Comparator, Ta = -40 to 125°C; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 表面贴装稳压DIODES/SOT-23 100mA, Adjustable Output 3 to 24V, LDO Voltage Regulator with 60V Load Dump Protection; Package: TO-220 5 LEAD OFFSET; No of Pins: 5; Container: Rail; Qty per Container: 50
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. 娴???洪??靛??ㄤ欢??????
|
KA78RL00 KA78RL00DTF |
Adjustable Micro Power Voltage Regulator 0.1A Adjustable Low Dropout Voltage Regulator (LDO)
|
FAIRCHILD[Fairchild Semiconductor]
|