PART |
Description |
Maker |
MAX680 MAX680C_D MAX680CPA MAX680CSA MAX680EPA MAX |
5V to 0V Voltage Converters Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 30 AMP MINIATURE POWER RELAY 5V to 【10V Voltage Converters 5V to 10V Voltage Converters 5V to ±10V Voltage Converters
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maxim Integrated Produc...
|
TC1237 TC1237EUN TC1236 TC1236EUN TC1235 TC1235EUN |
The TC1235/1236/1237 are CMOS dual inverting charge pump voltage converters with a low power shutdown mode in MSOP 10-Pin packages. ... The TC1235/1236/1237 are CMOS dual inverting charge pump voltage converters with a low power shutdown mode in MSOP 10-Pin packages. Only four external capaci-tors are required for full circuit implementation. Switching frequencies are 12kH (TC1235 / TC1236 / TC1237) Inverting Dual Charge Pump Voltage Converters with Shutdown Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown 反相双(- VIN,这- 2VIN)电荷泵电压转换器,带有关断
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|
PM-7226 PM-7226A |
QUAD 8 BIT CMOS D/A CONVERTERS WITH VOLTAGE OUTPUT
|
Analog Devices
|
TC7116CPL TC7116ACKW TC7116CKW TC7117AIJL TC7117A |
3-1/2 Digit Analog-to-Digital Converters with Hold The TC7116A/TC7117A are 3-1/2 digit CMOS analog-to-digital converters (ADCs)containing all the active components necessary to construct a 0.05% resolution measurement system.Seven-segment decoders, polarity and digit drivers, voltage refer
|
MICROCHIP[Microchip Technology]
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
MAX860 MAX860ESA MAX860ISA MAX860IUA MAX860-MAX861 |
40 AMP MINI-ISO AUTOMOTIVE RELAY Quadruple 2-Input Positive-NOR Gates 14-CFP -55 to 125 50mA / Frequency-Selectable / Switched-Capacitor Voltage Converters 50mA Frequency-Selectable Switched-Capacitor Voltage Converters 50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADM660ARZ-REEL ADM660ARUZ-REEL ADM660ARUZ-REEL7 AD |
CMOS Switched-Capacitor Voltage Converter; Package: SOIC; No of Pins: 8; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO8 CMOS Switched-Capacitor Voltage Converter; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO16 CMOS Switched-Capacitor Voltage Converter w/ Low Power Shutdown Pin SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDIP8 CMOS Switched-Capacitor Voltage Converters
|
Analog Devices, Inc.
|
CD4504B 5962R9666501TXC CD4504BKTR CD4504BT CD4504 |
Dual Differential Comparator 8-SOIC -25 to 85 的CMOS六角电压电平转换为TTL到全CMOS或CMOS对CMOS运算 CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
|
Intersil, Corp. Intersil Corporation http://
|
BD5233G_FVE BD5335G_FVE BD5358G_FVE BD5346G_FVE BD |
Voltage detector, 2.7V Voltage detector, 3.1V Voltage detector, 5.5V Voltage detectors > CMOS Voltage detector IC with external C delay circuit (Open Drain output type) Voltage detectors > CMOS Voltage detector IC with external C delay circuit (CMOS output type) VOLTAGE DETECTOR IC with adjustable delay time Voltage detector, 4.2V Voltage detector, 2.9V Voltage detector, 3.7V Voltage detector, 3.6V Voltage detector, 3.2V Voltage detector, 5.2V Voltage detector, 5.9V
|
etc ROHM Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
TC7126A TC7126ACKW TC7126AIPL TC7126ARCPL TC7126AR |
The TC7126A is a 3-1/2 digit CMOS analog-to-digital converter (ADC)containing all the active components necessary to construct a 0.05%resolution measurement system.Seven-segment decoders,digit and polarity drivers, voltage reference,and cl 3-1/2 Digit Analog-to-Digital Converters
|
MICROCHIP[Microchip Technology]
|
CD4050B |
CMOS Hex Buffer / Converters
|
Intersil
|