Part Number Hot Search : 
SM2761 CPH3417 04597 IRFD310 85230 25L323 SK515 AN2725
Product Description
Full Text Search
  .58 Datasheet PDF File

For .58 Found Datasheets File :: 68900    Search Time::2.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    RMLA3565-58

List of Unclassifed Manufacturers
ETC[ETC]
N.A.
Part No. RMLA3565-58
OCR Text 58 Wideband Low Noise MMIC Amplifier PRODUCT INFORMATION Description The Raytheon RMLA3565-58 is a single bias wideband low noise MMIC amplifier that meets the following specifications over the 3.5 - 6.5 GHz frequency range. The MMI...
Description Wideband Low Noise MMIC Amplifier

File Size 346.91K  /  8 Page

View it Online

Download Datasheet





    SUM45N25-58

Vishay Intertechnology,Inc.
Vishay Siliconix
Part No. SUM45N25-58
OCR Text 58 New Product Vishay Siliconix N-Channel 250-V (D-S) 175_C MOSFET FEATURES PRODUCT SUMMARY V(BR)DSS (V) 250 rDS(on) (W) 0.058 @ VGS = 10 V 0.062 @ VGS = 6 V ID (A) 45 43 D TrenchFETr Power MOSFETS D 175_C Junction Temp...
Description N-Channel 250-V (D-S), 175 Degrees Celcious, MOSFET
N-Channel 250-V (D-S) 175C MOSFET

File Size 41.51K  /  5 Page

View it Online

Download Datasheet

    POWERINT[Power Integrations, Inc.]
Part No. DER-58
OCR Text ...ons Applications Department DER-58 May 4, 2005 1.0 Summary and Features * * * * * * * * StackFETTM Flyback Topology delivers full load over extremely wide input AC voltage range LinkSwitch-TN feedback simplifies non-isolated voltage regu...
Description 3W Wide Range Flyback Power Supply using LNK304P

File Size 879.36K  /  22 Page

View it Online

Download Datasheet

    POWERINT[Power Integrations, Inc.]
Part No. DI-58
OCR Text 58 LinkSwitch Low Cost 1.5 W CV/CC Charger or Adapter Application Charger/Adapter Device LNK500 Power Output 1.5 W Input Voltage 85-265 VAC Output Voltage 5.5 V Topology Flyback Design Highlights * Replaces a linear transformer based ...
Description Low Cost 1.5 W CV/CC Charger or Adapter

File Size 362.62K  /  2 Page

View it Online

Download Datasheet

    LWF65G-HZKX-58 LWF65G

OSRAM GmbH
Part No. LWF65G-HZKX-58 LWF65G
OCR Text ... Ordering Code LW F65G-HZKX-58 white 39000 ... 82000 Q65110A6178 Anm.: Die oben genannten Typbezeichnungen umfassen die bestellbaren Selektionen. Diese bestehen aus wenigen Helligkeitsgruppen (siehe Seite 6 fur nahere Inform...
Description Lead (Pb) Free Product - RoHS Compliant

File Size 329.90K  /  20 Page

View it Online

Download Datasheet

    SUM45N25-58 SUM45N25-58-E3 SUM45N25-5808

Vishay Siliconix
Part No. SUM45N25-58 SUM45N25-58-E3 SUM45N25-5808
OCR Text 58 Vishay Siliconix N-Channel 250-V (D-S) 175 C MOSFET PRODUCT SUMMARY V(BR)DSS (V) 250 rDS(on) () 0.058 at VGS = 10 V 0.062 at VGS = 6 V ID (A) 45 43 FEATURES * TrenchFET(R) Power MOSFETS * 175 C Junction Temperature * New Low ...
Description N-Channel 250-V (D-S) 175 °C MOSFET
N-Channel 250-V (D-S) 175 掳C MOSFET
N-Channel 250-V (D-S) 175 ∑C MOSFET

File Size 94.92K  /  6 Page

View it Online

Download Datasheet

    M39029-58 M39029-58-360 M39029-58-363 M39029-58-364 M39029-58-365 M39029-58-528 850-002-22-360 850-002-16-364 850-002-20

Glenair, Inc.
Part No. M39029-58 M39029-58-360 M39029-58-363 M39029-58-364 M39029-58-365 M39029-58-528 850-002-22-360 850-002-16-364 850-002-20-363 850-002-12-365 850-002-10-528
OCR Text 58 850-002 A AS39029 Ser. I, II, III, IV M24308 M55302 M83733 Standard Pin Crimp Contact for MIL-DTL-38999 Series I, II, III and IV Connectors Mating End Size 22 20 16 12 10 Wire Accomodation 22-28 AWG 20-24 AWG 16-20 AW...
Description Standard Duty Electrical Pin Contact

File Size 479.21K  /  2 Page

View it Online

Download Datasheet

    Madge Networks
Part No. 58-27
OCR Text ...dards-based Gigabit backbones. 58-27 Smart Ringswitch Express Copper Switch 58-48 Smart Ringswitch Express Fiber Switch 16 pre-configured ports of 16/4 Token ring with RJ-45 connectors and an option slot for the addition of any other Ri...
Description Token Ring Switch, 4Mbps|16Mbps, Copper, 90V|130V|180V|250V (AC), Module

File Size 121.70K  /  2 Page

View it Online

Download Datasheet

    RMLA3565A-58

Electronic Theatre Controls, Inc.
ETC
List of Unclassifed Manufacturers
Part No. RMLA3565A-58
OCR Text 58 Wideband Low Noise MMIC Amplifier PRODUCT INFORMATION Description The Raytheon RMLA3565A-58 is a single bias wideband low noise MMIC amplifier designed for the 3.5 - 6.5 GHz frequency range. The MMIC requires no external matching...
Description Wideband Low Noise MMIC Amplifier

File Size 242.76K  /  8 Page

View it Online

Download Datasheet

    RMPA0913C-58

List of Unclassifed Manufacturers
ETC
Electronic Theatre Controls, Inc.
Part No. RMPA0913C-58
OCR Text 58 3.5V AMPS/CDMA Power Amplifier PRODUCT INFORMATION Description The RMPA0913C-58 is a monolithic high efficiency power amplifier for AMPS/CDMA dual mode applications in the 824 to 849 MHz frequency band. Performance parameters may...
Description 3.5V AMPS/CDMA Power Amplifier

File Size 254.72K  /  6 Page

View it Online

Download Datasheet

For .58 Found Datasheets File :: 68900    Search Time::2.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of .58

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0306899547577