PART |
Description |
Maker |
Z00-24 Z00-16 Z00-4 Z00-10 Z00-6 ZE-24 ZE-04 ZE-6 |
IC,SERIAL EEPROM,NOR FLASH,CMOS,LDCC,20PIN,PLASTIC IC,EPLD, ALTERA,3256A,144TQFP IC MAX 7000 CPLD 192 160-PQFP IC MAX 7000 CPLD 256 100-TQFP IC MAX 7000 CPLD 64 84-PLCC OVERLOAD RELAY 0.4 TO 0.6A NanoPower Voltage Detectors UEBERLASTRELAIS DIL E 0.16 BIS 0.24 UEBERLASTRELAIS迪勒的位.16国际清算银行0.24 FUSE, 2AG SLO-BLO, SUBMINIATURE, GLASS BODY, 5A, 125V 过载继电070A
|
Electronic Theatre Controls, Inc. NEC, Corp.
|
BC338-25ZL1 BC337-25ZL1 BC337-25RL1 BC337-16RL1 BC |
TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 800MA I(C) | TO-92 IC MAX 7000 CPLD 64 68-PLCC IC CONFIG DEVICE 440KBIT 32-TQFP 晶体管|晶体管|叩| 45V的五(巴西)总裁| 800mA的一c)|2 晶体管|晶体管|叩| 25V的五(巴西)总裁| 800mA的一c)|2 IC MAX 7000 CPLD 64 44-PLCC 晶体管|晶体管|叩| 45V的五(巴西)总裁| 800mA的一(c)|2
|
Rectron Semiconductor
|
ST4842XCQQ ST2642XCVV ST2642XCNV ST2731XCVV ST4742 |
IC MAX 9000 CPLD 560 208-RQFP FPGA, FLEX 10KV, 50K GATES, RQFP240; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K50V; Voltage, supply:3.3V; Case style FPGA, FLEX 10KA, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10A; Voltage, supply:3.3V; Case style ACEX 1K FPGA, 30K, 1K30, PQFP208; Logic IC family:Programmable; Logic IC Base Number:30; Logic IC function:Programmable; Case style:PQFP; Base number CPLD. MAX 7000, 256 MACROCELLS, PQFP208; Logic IC family:CPLD (EPLD); Logic IC Base Number:7256; Logic IC function:EPM7256AE; Voltage, supply:3.3V FPGA, ACEX 1K, 10K GATES, TQFP100; Logic IC family:Programmable; Logic IC Base Number:10; Logic IC function:EP1K10; Voltage, supply:2.50V; Case style:TQFP; Base number:1; Gates, No. of:10000; I/O lines, No. of:66; IC Generic RoHS Compliant: Yes MAX 3000A CPLD 128 MC 144-TQFP MAX 3000A CPLD 32 MC 44-PLCC MAX II CPLD 1270 LE 256-FBGA CPLD. MAX 7000, 192 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7192; Logic IC function:EPM7192S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3750; I/O lines, No. of:124; Macrocells, No. of:192; RoHS Compliant: Yes MAX II CPLD 240 LE 100-TQFP MAX 7000 CPLD 32 MC 44-PLCC CPLD 256CELLS 161/O 10NS [256/FBGA] CPLD. MAX 7000, 160 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7160; Logic IC function:EPM7160S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3200; I/O lines, No. of:104; Macrocells, No. of:160; RoHS Compliant: Yes IC ACEX 1K FPGA 50K 256-FBGA 通信集成电路 IC ACEX 1K FPGA 30K 208-PQFP 通信集成电路
|
Carlo Gavazzi
|
YW10-5S03 YW10-12S03 |
MAX 3000A CPLD 128 MC 100-TQFP IC MAX 7000 CPLD 64 100-TQFP 模拟IC
|
YEONHO Electronics Co., Ltd.
|
YTF832 |
MAX 7000 CPLD 64 MC 44-TQFP 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 4A条(丁)| TO - 220AB现有
|
Microchip Technology, Inc.
|
ST2245P-4.000MHZ ST2245E-4.000MHZ ST2245EP-4.000MH |
IC ACEX 1K FPGA 50K 208-PQFP Crystal Oscillator FPGA, FLEX 6000, 24K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:6024; Logic IC function:EPF6024A; Voltage, supply:3.30V; Case style:PQFP; Gates, No. of:24000; I/O lines, No. of:171; Pins, No. of:208; Temp, op. RoHS Compliant: Yes IC MAX 7000 CPLD 128 100-TQFP IC ACEX 1K FPGA 30K 208-PQFP MAX 3000A CPLD 64 MC 44-PLCC Cyclone II FPGA 5K TQFP-144 Stratix II FPGA 60K FBGA-1020 Cyclone II FPGA 5K PQFP-208 Stratix II FPGA 30K FBGA-672 Cyclone FPGA 12K PQFP-240 MAX II CPLD 1270 LE 256-FBGA Stratix II FPGA 15K FBGA-484 IC APEX 20KE FPGA 100K Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Cyclone II FPGA 35K FBGA-672 CONFIGURATION DEVICE, 1.6MBIT, PLCC20; Memory type:Configuration FLASH; Interface type:Serial; Memory size:1.6Mbit; Frequency:16.7MHz; Temp, op. min:0(degree C); Temp, op. max:70(degree C); Case style:PLCC; Temperature, operating RoHS Compliant: Yes MAX 3000A CPLD 256 MC 144-TQFP 晶体振荡 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No
|
Pletronics
|
ATF1502ASV-15JC44 ATF1502ASV-20JC44 ATF1502ASV-20J |
Highperformance EEPROM CPLD 15NS, PLCC, IND TEMP, ROHS-A(EPLD)
|
ATMEL Corporation
|
MAX990EUA-T MAX994 MAX989EUA-T MAX990ESA MAX990EKA |
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators DUAL COMPARATOR, 7000 uV OFFSET-MAX, 300 ns RESPONSE TIME, PDSO8 Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators DUAL COMPARATOR, 7000 uV OFFSET-MAX, PDSO8 Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators COMPARATOR, 7000 uV OFFSET-MAX, PBGA6
|
Maxim Integrated Products, Inc.
|
LM224N LM324N LM324 LM324ADR2 LM324ADTB LM324ADTBR |
Programmable Low-Power Operational Amplifier 8-SOIC 0 to 70 QUAD OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDIP14 Single Supply Quad Operational Amplifiers QUAD OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO14 QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
|
ONSEMI[ON Semiconductor] http://
|
LM224-D14-T LM224-S14-R LM224-S14-T LM224 LM224L-S |
QUADRUPLE OPERATIONAL AMPLIFIERS QUAD OP-AMP, 7000 uV OFFSET-MAX, DIP14 QUADRUPLE OPERATIONAL AMPLIFIERS QUAD OP-AMP, 7000 uV OFFSET-MAX, PDSO14
|
Unisonic Technologies Co., Ltd. UTC[Unisonic Technologies] 友顺科技股份有限公司
|
LM358G-SM1-R LM358G-P08-R LM358G-D08-T LM358G-P08- |
DUAL OPERATIONAL AMPLIFIER DUAL OP-AMP, 7000 uV OFFSET-MAX, DIP8 DUAL OPERATIONAL AMPLIFIER DUAL OP-AMP, 7000 uV OFFSET-MAX, PDSO8 DUAL OPERATIONAL AMPLIFIER DUAL OP-AMP, 7000 uV OFFSET-MAX, SIP9 DUAL OPERATIONAL AMPLIFIER
|
Unisonic Technologies Co., Ltd.
|
EHA7-2622-2 |
OP-AMP, 7000 uV OFFSET-MAX, 100 MHz BAND WIDTH, CDIP8
|
ELANTEC
|
|