PART |
Description |
Maker |
M62371GP |
3 V Type 8-bit 36ch Selector SW Built-in D/A Converter with Buffer Amplifiers
|
Renesas Electronics Corporation
|
M62370GP |
3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
HD14519 HD14519B HD14519BP |
4-bit AND/OR Selector or Quadruple 2-Channel Data Selector or Quadruple Exclusive-NOR Gate 4位和/或选择或四双通道数据选择器或四异或非 4000/14000/40000 SERIES, QUAD 2-INPUT XNOR GATE, PDIP16 DP-16
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
2AS2-5 2AS2-1 2AS2-2 2AS2-4 2AS2-6 2AS2-X 2AS2-3 |
22mm Non-Illuminated Selector Switch 2AS2-x (x=type)
|
Altech corporation
|
AK5367 |
96kHz 24-Bit 楼?楼? ADC with 0V Bias Selector
|
Asahi Kasei Microsystems
|
DMD5602 DMD5602-V |
10ch selector for cordless phone 10CH SELECTOR FOR CORDLESSPHONE
|
DAEWOO[Daewoo Semiconductor]
|
AK5366VR |
24-Bit 48kHz ツヒ ADC with Selector/PGA/ALC 248kHz的ツヒADC,具有选择/美国PGA / ALC
|
Asahi Kasei Microsystems Co.,Ltd Asahi Kasei Microsystems Co., Ltd.
|
74LCX821 74LCX821MTC 74LCX821MSA 74LCX821WM 74LCX8 |
Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs From old datasheet system 10-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
KD14.4101.107 KD14.1101.151 KD13.1101.105 KD13.110 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 10A; Terminal Type: Quick Connect Tabs; appliance inlet; line switch fuseholder; without voltage selector Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 10A; Terminal Type: Quick Connect Tabs; appliance inlet; line switch fuseholder; with voltage selector
|
SCHURTER INC
|
74ABT823 74ABT823D 74ABT823DB 74ABT823N 74ABT823PW |
9-bit D-type flip-flop with reset and enable (3-State) 10-bit buffer/line driver/ non-inverting 3-State 9-bit D-type flip-flop with reset and enable 3-State ABT SERIES, 9-BIT DRIVER, TRUE OUTPUT, PDSO24
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
ACT-SF512K32N-39F2C ACT-SF512K32N-37F2T ACT-SF512K |
ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module 行为SF512K32高12Kx32的SRAM / 512Kx32闪存多芯片模 Hex D-Type Flip-Flops With Clear 16-SOIC 0 to 70 行为SF512K32高12Kx32的SRAM / 512Kx32闪存多芯片模 4-Bit D-type Registers with 3-State Outputs 16-SOIC 0 to 70 行为SF512K32高12Kx32的SRAM / 512Kx32闪存多芯片模 Hex D-Type Flip-Flops With Clear 16-PDIP 0 to 70 4-Bit D-type Registers with 3-State Outputs 16-SO 0 to 70 4-Bit D-type Registers with 3-State Outputs 16-PDIP 0 to 70 Quadruple D-Type Flip-Flops With Clear 16-SOIC 0 to 70 Hex D-Type Flip-Flops With Clear 16-SO 0 to 70
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|