PART |
Description |
Maker |
AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1 |
800mA low dropout regulator 2,5V 800mA low dropout regulator 3V 800mA low dropout regulator 1,5V 800mA low dropout regulator 5V 800mA Low Dropout Regulator SCSI-II Active Terminator AB 2C 2#16 SKT RECP 800mA low dropout regulator 2,85V 800mA low dropout regulator 3,3V
|
ALPHA Semiconductor Alpha Industries Inc ETC[ETC] ALPHA[Alpha Industries] Alpha Industries, Inc.
|
AZ1117BH-1.8TRE1 |
800mA LOW DROPOUT LINEAR REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO3
|
BCD Semiconductor Manufacturing, Ltd.
|
SPX1117 SPX1117M3 SPX1117M3-1.5 SPX1117M3-1.5_TR S |
800mA Low Dropout Voltage Regulator 800mA Low Dropout Regulator
|
SIPEX[Sipex Corporation]
|
TC2117 TC2117-3.3VDBTR TC2117-3.3VEBTR TC2117-1.8V |
The TC2117 is a fixed, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ... 800mA Fixed Low Dropout Positive Regulator
|
Microchip Technology
|
IRU1117-33 IRU1117-3.3 IRU1117-33CD |
800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR 800mA的低压差型正,固3.3V稳压 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR(75.90 k)
|
International Rectifier, Corp. IR
|
AZ1117BH-2.5TRE1 AZ1117BH-3.3TRE1 |
800mA LOW DROPOUT LINEAR REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO3 800mA LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO3
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd.
|
AMS290805 AMS2908-1.5 AMS2908-1.8 AMS2908-3.3 AMS2 |
800mA LOW DROPOUT VOLTAGE REGULATOR
|
Advanced Monolithic Systems
|
AMS2908-2.85 AMS2908CD-2.85 AMS2908CD-2.5 AMS2908C |
800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压
|
Advanced Monolithic Systems, Inc.
|
IRU1117 |
800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
International Rectifier
|
LT1118CS8-5PBF LT1118CST-5TRPBF LT1118CST-5PBF LT1 |
Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO8 Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 2.1 V-6.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CLM1117 CLM1117M CLM1117M-X CLM1117M-10 CLM1117M-2 |
GIGATRUE 550 CAT6 PATCH 20 FT, NON BOOT, PURPLE 800mA的低压差稳压器的SCSI - 2有源终结 800mA Low Dropout Regulator SCSI-II Active Terminator
|
Calogic LLC CALOGIC[Calogic, LLC]
|