Part Number Hot Search : 
TDA7382 AO4451 3E276K OM5233ST V131MC01 1D16UM 3055L MBR20200
Product Description
Full Text Search
  scsi-ii Datasheet PDF File

For scsi-ii Found Datasheets File :: 247    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1117R AS1117R-X AS1117S AS1117S-X AS1117T AS1117T-X AS1117U AS1117U-X A

ALPHA Semiconductor
Alpha Industries Inc
ETC[ETC]
ALPHA[Alpha Industries]
Alpha Industries, Inc.
Part No. AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1117R AS1117R-X AS1117S AS1117S-X AS1117T AS1117T-X AS1117U AS1117U-X AS1117R-5V AS1117R-2.85V AS1117R-1.5V AS1117R-3.3V AS1117S-3V AS1117M1-3V AS1117U-5V AS1117T-2.5V AS1117T-2.85V AS1117M1-2.85V AS1117M1-5V AS1117M1-2.5V AS1117M3-5V AS1117S-2.5V
OCR Text scsi-ii Active Terminator * Guaranteed 800mA Output * Three Terminal Adjustable Or Fixed 1.5V, 2.5V, 2.85V, 3V, 3.3V & 5V * Very Low Quiescent Current * Low Dropout Voltage Of 1.2 Volts At Full Load * Extremely Tight Load And Line Regula...
Description 800mA low dropout regulator 2,5V
800mA low dropout regulator 3V
800mA low dropout regulator 1,5V
800mA low dropout regulator 5V
800mA Low Dropout Regulator scsi-ii Active Terminator
AB 2C 2#16 SKT RECP
800mA low dropout regulator 2,85V
800mA low dropout regulator 3,3V

File Size 75.37K  /  11 Page

View it Online

Download Datasheet





    CLM1117 CLM1117M CLM1117M-X CLM1117M-10 CLM1117M-2.85 CLM1117M-3.3 CLM1117M-12 CLM1117M-5

Calogic LLC
CALOGIC[Calogic, LLC]
Part No. CLM1117 CLM1117M CLM1117M-X CLM1117M-10 CLM1117M-2.85 CLM1117M-3.3 CLM1117M-12 CLM1117M-5
OCR Text scsi-ii Active Terminator CORPORATION CLM1117 FEATURES PRODUCT DESCRIPTION The Calogic CLM1117 is a low power positive voltage regulator designed to meet 800mA output current and comply with scsi-ii specifications with a fixed output v...
Description GIGATRUE 550 CAT6 PATCH 20 FT, NON BOOT, PURPLE 800mA的低压差稳压器的SCSI - 2有源终结
800mA Low Dropout Regulator scsi-ii Active Terminator

File Size 47.09K  /  4 Page

View it Online

Download Datasheet

    LPCIE-7250

List of Unclassifed Manufacturers
Part No. LPCIE-7250
OCR Text ... terminal board with one 50-pin scsi-ii connector and din-rail mounting (cables are not included.) acl-10250-1 50-pin scsi-ii cable (mating with amp-787082-5), 1 m * for more information on mating cables, please refer to p2-61/62. ...
Description 8-CH Relay Outputs & 8-CH Isolated DI Cards

File Size 409.72K  /  2 Page

View it Online

Download Datasheet

    LPCIE-7230

List of Unclassifed Manufacturers
Part No. LPCIE-7230
OCR Text ...230/cpci-7230 - one 50-pin scsi-ii female pci-7230 2-54 www.adlinktech.com digital i/o terminal boards & cables pci-7230/7233/7234/7234p: din-37d-01 terminal board with one 37-pin d-sub connector and din-rail mounting (...
Description 32-CH Isolated DIO Cards

File Size 426.69K  /  2 Page

View it Online

Download Datasheet

    MIC5204 MIC5204BM MIC5204BS

MICREL[Micrel Semiconductor]
Part No. MIC5204 MIC5204BM MIC5204BS
OCR Text scsi-ii Active Terminator Preliminary Information General Description The MIC5204 is an active terminator designed to comply with scsi-ii specifications. The MIC5204 is enabled by a CMOS or TTL compatible logic signal. When disabled, p...
Description scsi-ii Active Terminator Preliminary Information

File Size 27.86K  /  4 Page

View it Online

Download Datasheet

    RT9173DPSP RT9173DGSP RT9173D

Richtek Technology Corporation
Part No. RT9173DPSP RT9173DGSP RT9173D
OCR Text ...ecific interfaces such as HSTL, SCSI-2 and SCSI-3 etc. devices requirements. The regulator is capable of actively sinking or sourcing contin...II and DDR-III VTT Applications Sink and Source Current 2A Continuous Current Peak 3A for DDRI and D...
Description Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator

File Size 220.65K  /  13 Page

View it Online

Download Datasheet

    VSC7177YI VSC7177XYI VSC7177

Maxim Integrated Products
Part No. VSC7177YI VSC7177XYI VSC7177
OCR Text SCSI FEATURES APPLICATIONS 2:1 port selector for both Serial ATA (SATA) and Serial Attached SCSI (SAS) links Serial ATA 1.0 co...II: Port Selector specification 1.0, including failover control Passes Serial ATA patterns transpare...
Description Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI

File Size 241.65K  /  24 Page

View it Online

Download Datasheet

    CALOGIC LLC
Part No. CLM1117M-5
OCR Text scsi-ii active terminator clm1117 features guaranteed 800ma output three terminal adjustable or fixed 2.85v, 3v, 3.3v, 5v, 10v & 12v very low quiescent current low dropout voltage of 1.2 volts at full load extremely tight load and...
Description 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4

File Size 46.10K  /  4 Page

View it Online

Download Datasheet

    METHODE ELECTRONICS INC
Part No. M278-S68-501-3 M27T-S68-501-4 M27T-R20-2-01-3-2 M27T-R50-2-02-0-1 M278-R50-2-02-0-1 M278-R14-2-01-3-2 M27T-R14-3-02-0-1 M278-R68-3-01-3-2 M278-R14-2-01-2-2 M278-P50-03-1 M278-P50-04-2 M278-P50-05-3 M278-P68-02-1 M27T-S80-201-4 M27T-S80-401-4 M278-R68-2-02-0-2 M278-S80-201-1 M278-S80-301-2 M278-S80-401-2
OCR Text ...efe/index.html 318 .050" (1.27) scsi ii/iii right angle and vertical pcb mount - m27 series specifications: material: shell: zinc, nickel-plated insulator: polybutylene terephthalate (pbt), glass reinforced thermopla...
Description 68 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, SOCKET
20 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
50 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
14 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
14 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
68 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
50 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG
68 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG
80 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, SOCKET
68 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE

File Size 634.09K  /  7 Page

View it Online

Download Datasheet

For scsi-ii Found Datasheets File :: 247    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of scsi-ii

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.41590809822083